Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4992 Datasheet (PDF) - Hitachi Semiconductor

2SC4992 Datasheet PDF - Hitachi Semiconductor
Part # 2SC4992
Download  2SC4992 Download
File Size   43.58 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Bipolar Transistor

2SC4992 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4992 Datasheet PDF - Hitachi Semiconductor

Part # 2SC4992
Download  2SC4992 Click to download

File Size   43.58 Kbytes
Page   6 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description Silicon NPN Bipolar Transistor

2SC4992 Datasheet (HTML) - Hitachi Semiconductor


2SC4992 Product details

Features
• High gain bandwidth product fT= 9.5 GHz typ
• High gain, low noise figure PG = 15.0 dB typ, NF = 1.2 dB typ at f = 900 MHz

Application
    VHF & UHF wide band amplifire




Similar Part No. - 2SC4992

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4993 HITACHI-2SC4993 Datasheet
65Kb / 10P
Silicon NPN Epitaxial
2SC4994 HITACHI-2SC4994 Datasheet
65Kb / 10P
Silicon NPN Epitaxial
2SC4995 HITACHI-2SC4995 Datasheet
65Kb / 10P
Silicon NPN Epitaxial
logo
Renesas Technology Corp
2SC4995 RENESAS-2SC4995 Datasheet
254Kb / 10P
Silicon NPN Epitaxial
More results


Similar Description - 2SC4992

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSC5094 HSMC-HSC5094 Datasheet
60Kb / 7P
NPN SILICON BIPOLAR TRANSISTOR
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Seme LAB
2N4269S SEME-LAB-2N4269S Datasheet
23Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
2N4272 SEME-LAB-2N4272 Datasheet
39Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
BFY77 SEME-LAB-BFY77_10 Datasheet
208Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
logo
TT Electronics.
2N1711 TTELEC-2N1711 Datasheet
720Kb / 3P
SILICON PLANAR NPN BIPOLAR TRANSISTOR
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
SILICON NPN BIPOLAR TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
Silicon NPN bipolar Transistor
logo
List of Unclassifed Man...
D13009 ETC-D13009 Datasheet
453Kb / 1P
NPN Silicon Bipolar Transistor
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com