Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

11N40 Datasheet (PDF) - Unisonic Technologies

11N40 Datasheet PDF - Unisonic Technologies
Part # 11N40
Download  11N40 Download
File Size   194.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 400V N-CHANNEL MOSFET

11N40 Datasheet (PDF)

Go To PDF Page Download Datasheet
11N40 Datasheet PDF - Unisonic Technologies

Part # 11N40
Download  11N40 Click to download

File Size   194.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 400V N-CHANNEL MOSFET

11N40 Datasheet (HTML) - Unisonic Technologies


11N40 Product details

DESCRIPTION

The 11N40uses UTC’s advanced proprietary, planar stripe, DMOS technology to provide excellent RDS(ON), low gate charge and operation with low gate voltages. This device is suitable for use as a load switch or in PWM applications.



FEATURES

* RDS(ON)= 0.52Ω@VGS= 10 V

* Ultra Low Gate Charge ( Typical 27 nC )

* Low Reverse Transfer Capacitance ( CRSS= Typical 20 pF )

* Fast Switching Capability

* Avalanche Energy Specified

* Improved dv/dt Capability, High Ruggedness




Similar Part No. - 11N40

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
11N40 UTC-11N40 Datasheet
244Kb / 6P
11.4A, 400V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
11N40C FAIRCHILD-11N40C Datasheet
709Kb / 10P
FQP11N40C / FQPF11N40C N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
logo
Unisonic Technologies
11N40G-TA3-T UTC-11N40G-TA3-T Datasheet
244Kb / 6P
11.4A, 400V N-CHANNEL POWER MOSFET
11N40G-TF3-T UTC-11N40G-TF3-T Datasheet
244Kb / 6P
11.4A, 400V N-CHANNEL POWER MOSFET
11N40L-TA3-T UTC-11N40L-TA3-T Datasheet
244Kb / 6P
11.4A, 400V N-CHANNEL POWER MOSFET
More results


Similar Description - 11N40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
400V N-Channel MOSFET
IRFR330B FAIRCHILD-IRFR330B Datasheet
671Kb / 9P
400V N-Channel MOSFET
IRFW740B FAIRCHILD-IRFW740B Datasheet
678Kb / 9P
400V N-Channel MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com