Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3005 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP3005 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP3005
Download  AP3005 Download
File Size   491.05 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 2A 420kHz PWM BUCK DC-DC CONVERTER

AP3005 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP3005 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP3005
Download  AP3005 Click to download

File Size   491.05 Kbytes
Page   11 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 2A 420kHz PWM BUCK DC-DC CONVERTER

AP3005 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP3005 Product details

General Description
The AP3005 is a 420kHz fixed frequency PWM buck (step-down) DC-DC converter, capable of driving a 2A load with high efficiency, low ripple and excellent line and load regulation. The device includes a voltage reference, an oscillation circuit, an error amplifier, an internal PMOS and etc.
   
Features
• 2A Constant Output Current
• 130mΩ RDSON Internal Power MOSFET Switch
• Up to 94% Efficiency
• Fixed 420kHz Frequency
• Wide 4.75V to 25V Input Voltage Range
• Output Voltage Adjustable from 0.8V to 21V
• Built in Thermal Shutdown Function
• Built-in Current Limit Function
• Built-in Soft-Start Function
• Support Ceramic or Electrolytic Capacitors
   
Applications
• Portable DVD
• LCD Monitor/LCD TV
• Digital Photo Frame
• ADSL
• Set-up Box
   




Similar Part No. - AP3005

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3005M-G1 BCDSEMI-AP3005M-G1 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
AP3005MTR-G1 BCDSEMI-AP3005MTR-G1 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
More results


Similar Description - AP3005

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1519 ANACHIP-AP1519 Datasheet
172Kb / 9P
300KHz, 2A PWM Buck DC/DC Converter
Rev.1.0 Oct 5, 2004
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Unisonic Technologies
P3576 UTC-P3576 Datasheet
209Kb / 6P
50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
BCD Semiconductor Manuf...
AP3005 BCDSEMI-AP3005_11 Datasheet
480Kb / 11P
2A 420kHz PWM BUCK DC-DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
2A PWM BUCK DC-DC CONVERTER
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com