Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3192 Datasheet (PDF) - Molex Electronics Ltd.

3192 Datasheet PDF - Molex Electronics Ltd.
Part # 3192
Download  3192 Download
File Size   66.26 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK Maxi-3.96mm & 5.08mm Modular Interconnection System

3192 Datasheet (PDF)

Go To PDF Page Download Datasheet
3192 Datasheet PDF - Molex Electronics Ltd.

Part # 3192
Download  3192 Click to download

File Size   66.26 Kbytes
Page   2 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description KK Maxi-3.96mm & 5.08mm Modular Interconnection System

3192 Datasheet (HTML) - Molex Electronics Ltd.


3192 Product details

KEY FEATURES
■ Available on 3.96 mm and 5.08 mm center spacings
■ Polarisation via insertable keys and pegs
■ Allows connections anywhere on the board
■ Double cantilever style terminal
■ Selective gold plating options
■ End-to-end stacking capabilities
■ Locking ramp for improved mated retention with locking headers
■ Accepts KK gas tight crimp terminals
■ Headers available with square or round pins

APPLICATIONS
■ Consumer / Whitegoods
   Car Stereos, Lighting Panels, Control Panels
   Kitchen Appliances, Whirlpools, Refrigerators
■ Security / Vending
   Alarms, Garage Doors, Cameras
   Lottery Machines, Slot / Pinball Machines, Coin Changers
■ Datacomm / Professional
   ATM Machines, PC’s, Workstations, Monitors
■ Medical / Office Equipment
   Heart Monitors, Dental Equipment, Defibilators
   Projectors, Copiers, Printers, Fax Machines
■ Industrial
   Elevators, Escalators, Air Conditioning, Central Heating
   Power Supplies, Industrial Equipment, Lighting Systems




Similar Part No. - 3192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3192 ETC2-3192 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3192 ETC2-3192 Datasheet
68Kb / 1P
WASHERS
logo
Keystone Electronics Co...
3192 KEYSTONE-3192 Datasheet
423Kb / 1P
WASHERS
31-07 20th
logo
Molex Electronics Ltd.
3192-03A MOLEX3-3192-03A Datasheet
377Kb / 3P
3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 3 Circuits, Tin (Sn) Plating, with Mating Pin Length of 11.43mm (.450")
3192-03A MOLEX11-3192-03A Datasheet
71Kb / 2P
KK짰 396 Wire-to-Board Header, Vertical Round Pin, 3 Circuits, Tin (Sn) Plating, with Mating Pin Length of 11.43mm (.450")
More results


Similar Description - 3192

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5045 MOLEX-5045 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
logo
Tyco Electronics
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
STEP-Z Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
AMPMODU Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
GET.64 Interconnection System
4-2010.
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com