Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N31 Datasheet (PDF) - ISOCOM COMPONENTS

4N31 Datasheet PDF - ISOCOM COMPONENTS
Part # 4N31
Download  4N31 Download
File Size   343.74 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

4N31 Datasheet (PDF)

Go To PDF Page Download Datasheet
4N31 Datasheet PDF - ISOCOM COMPONENTS

Part # 4N31
Download  4N31 Click to download

File Size   343.74 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

4N31 Datasheet (HTML) - ISOCOM COMPONENTS


4N31 Product details

DESCRIPTION

The 4N29, 4N30, 4N31, 4N32, 4N33 series of

optically coupled isolators consist of an infrared

light emitting diode and NPN silicon

photodarlington in a space efficient dual in line

plastic package.



FEATURES

• Options :-

   10mm lead spread - add G after part no.

   Surface mount - add SM after part no.

   Tape&reel - add SMT&R after part no.

• High Current Transfer Ratio

• High Isolation Voltage (5.3kVRMS,7.5kVPK)

• All electrical parameters 100% tested

• Custom electrical selections available



APPLICATIONS

• Computer terminals

• Industrial systems controllers

• Measuring instruments

• Signal transmission between systems of different potentials and impedances



 




Similar Part No. - 4N31

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N31 MOTOROLA-4N31 Datasheet
287Kb / 6P
STANDARD THRU HOLE CASE 730A-04
logo
QT Optoelectronics
4N31 QT-4N31 Datasheet
136Kb / 6P
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
logo
Toshiba Semiconductor
4N31 TOSHIBA-4N31 Datasheet
301Kb / 6P
TOSHBA PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
01-Jun-2001
logo
Fairchild Semiconductor
4N31 FAIRCHILD-4N31 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
logo
New Jersey Semi-Conduct...
4N31 NJSEMI-4N31 Datasheet
171Kb / 1P
Photon Coupled Isolator
More results


Similar Description - 4N31

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCA2230X ETC1-MCA2230X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
H11B1X ISOCOM-H11B1X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230X ISOCOM-MCA230X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL119 ISOCOM-TIL119 Datasheet
363Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
4N29 ISOCOM-4N29_08 Datasheet
93Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA2230 ISOCOM-MCA2230_10 Datasheet
842Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com