Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MOC8020 Datasheet (PDF) - ISOCOM COMPONENTS

MOC8020 Datasheet PDF - ISOCOM COMPONENTS
Part # MOC8020
Download  MOC8020 Download
File Size   395.24 Kbytes
Page   4 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

MOC8020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MOC8020 Datasheet PDF - ISOCOM COMPONENTS

Part # MOC8020
Download  MOC8020 Click to download

File Size   395.24 Kbytes
Page   4 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT

MOC8020 Datasheet (HTML) - ISOCOM COMPONENTS


MOC8020 Product details

DESCRIPTION
The MOC8020, MOC8021 series of optically coupled isolators consist of an infrared light emitting diode and NPN silicon photodarlington in a standard 6pin dual in line plastic package with the base pin unconnected.

FEATURES
● Options :-
   10mm lead spread - add G after part no.
   Surface mount - add SM after part no.
   Tape&reel - add SMT&R after part no.
● High Current Transfer Ratio (500% min)
● BVceo 35V
● High IsolationVoltage(5.3kVRMS,7.5kVPK)
● Base pin unconnected for improved noise
   immunity in high EMI environment
● High sensitivity to low input drive current
● Custom electrical selections available

APPLICATIONS
● Computer terminals
● Industrial systems controllers
● Measuring instruments
● Signal transmission between systems of
   different potentials and impedances




Similar Part No. - MOC8020

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MOC8020 MOTOROLA-MOC8020 Datasheet
271Kb / 6P
6-Pin DIP Optoisolators Darlington Ouput(No Base Connection)
logo
Fairchild Semiconductor
MOC8020 FAIRCHILD-MOC8020 Datasheet
66Kb / 5P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
MOC8020 FAIRCHILD-MOC8020_1 Datasheet
393Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS (NO BASE CONNECTION)
More results


Similar Description - MOC8020

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IS205 ETC-IS205 Datasheet
45Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ETC1-ISPD60 Datasheet
51Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
ISOCOM COMPONENTS
MOC8101X ISOCOM-MOC8101X Datasheet
82Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MOC8111X ISOCOM-MOC8111X Datasheet
90Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N29 ISOCOM-4N29 Datasheet
343Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
TIL119 ISOCOM-TIL119 Datasheet
363Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8106X ISOCOM-MOC8106X Datasheet
71Kb / 3P
NON-BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
ISPD60 ISOCOM-ISPD60_10 Datasheet
625Kb / 3P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MCA230 ISOCOM-MCA230_10 Datasheet
724Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
MOC8030 ISOCOM-MOC8030 Datasheet
65Kb / 2P
NON BASE LEAD OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com