Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTMC1812 Datasheet (PDF) - Central Technologies

CTMC1812 Datasheet PDF - Central Technologies
Part # CTMC1812
Download  CTMC1812 Download
File Size   192.55 Kbytes
Page   1 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description Wire-wound Chip Inductors - Molded

CTMC1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
CTMC1812 Datasheet PDF - Central Technologies

Part # CTMC1812
Download  CTMC1812 Click to download

File Size   192.55 Kbytes
Page   1 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description Wire-wound Chip Inductors - Molded

CTMC1812 Datasheet (HTML) - Central Technologies


CTMC1812 Product details

CHARACTERISTICS

Description: Ferrite core, wire-wound molded chip inductor



Applications: TV’s, VCR’s, disk drives, computer peripherals, telecommunication devices and electronic control boards for automobiles



Operating Temperature: -40°C to +100°C



Inductance Tolerance: ±5%, ±10% & ±20%



 




Similar Part No. - CTMC1812

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F-100J CT-CTMC1812F-100J Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F-100K CT-CTMC1812F-100K Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F-100M CT-CTMC1812F-100M Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F-101J CT-CTMC1812F-101J Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
More results


Similar Description - CTMC1812

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISM-1210 ABRACON-AISM-1210 Datasheet
61Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
AISM-1812 ABRACON-AISM-1812 Datasheet
57Kb / 1P
WIRE WOUND MOLDED CHIP INDUCTORS
logo
Central Technologies
CTHC1812 CT-CTHC1812 Datasheet
195Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC2220F CT-CTHC2220F Datasheet
203Kb / 1P
Wire-wound Chip Inductors- Molded
CTMC1210HF CT-CTMC1210HF Datasheet
176Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1812F CT-CTMC1812F Datasheet
166Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC2220F CT-CTMC2220F Datasheet
204Kb / 1P
Wire-wound Chip Inductors - Molded
CTNLV32F CT-CTNLV32F Datasheet
206Kb / 1P
Wire-wound Chip Inductors - Molded
CTMC1210F CT-CTMC1210F Datasheet
89Kb / 1P
Wire-wound Chip Inductors - Molded
CTHC1812F CT-CTHC1812F Datasheet
275Kb / 1P
Wire-wound Chip Inductors - Molded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com