Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-65493F Datasheet (PDF) - Central Technologies

CT-65493F Datasheet PDF - Central Technologies
Part # CT-65493F
Download  CT-65493F Download
File Size   455.53 Kbytes
Page   2 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description ISDN S- Interface 16 Pin DIP

CT-65493F Datasheet (PDF)

Go To PDF Page Download Datasheet
CT-65493F Datasheet PDF - Central Technologies

Part # CT-65493F
Download  CT-65493F Click to download

File Size   455.53 Kbytes
Page   2 Pages
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies
Description ISDN S- Interface 16 Pin DIP

CT-65493F Datasheet (HTML) - Central Technologies




Similar Part No. - CT-65493F

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT-65612 CT-CT-65612 Datasheet
188Kb / 1P
Digital Audio Data Transformer
CT-65830F CT-CT-65830F Datasheet
488Kb / 2P
T1-CEPT-ISDN-PRI 10 Pin Dip
CT-65831F CT-CT-65831F Datasheet
488Kb / 2P
T1-CEPT-ISDN-PRI 10 Pin Dip
CT-65832F CT-CT-65832F Datasheet
488Kb / 2P
T1-CEPT-ISDN-PRI 10 Pin Dip
CT-65833F CT-CT-65833F Datasheet
488Kb / 2P
T1-CEPT-ISDN-PRI 10 Pin Dip
More results


Similar Description - CT-65493F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
APC8966D BEL-APC8966D Datasheet
74Kb / 2P
ISDN S Interface Hybrid
APC14112E BEL-APC14112E Datasheet
130Kb / 1P
ISDN S Interface Hybrid
APC14131E BEL-APC14131E Datasheet
80Kb / 1P
ISDN S Interface Hybrid
logo
Bourns Electronic Solut...
PT66001 BOURNS-PT66001 Datasheet
129Kb / 1P
ISDN S-Interface Transformer
PT71949 BOURNS-PT71949 Datasheet
164Kb / 1P
ISDN S Interface Transformer
logo
Central Technologies
CT-64993F CT-CT-64993F Datasheet
498Kb / 2P
ISDN S-Interface 6 Pin, 7 Pin, 8 Pin DIP
logo
PCA ELECTRONICS INC.
EPA3317 PCA-EPA3317 Datasheet
22Kb / 1P
ISDN S-Interface Transformer
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
ISDN S-INTERFACE TRANSFORMERS
logo
Bothhand USA, LP.
S5495R BOTHHAND-S5495R Datasheet
21Kb / 1P
ISDN S-INTERFACE TRANSFORMER
S5011 BOTHHAND-S5011 Datasheet
250Kb / 1P
ISDN S-INTERFACE TRANSFORMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com