Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2713 Datasheet (PDF) - KR Electronics, Inc.

2713 Datasheet PDF - KR Electronics, Inc.
Part # 2713
Download  2713 Download
File Size   48.65 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Bandpass Filter

2713 Datasheet (PDF)

Go To PDF Page Download Datasheet
2713 Datasheet PDF - KR Electronics, Inc.

Part # 2713
Download  2713 Click to download

File Size   48.65 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description Bandpass Filter

2713 Datasheet (HTML) - KR Electronics, Inc.


2713 Product details

General Description
KR 2713 is a 14 MHz bandpass filter. The filter has a minimum 0.5 dB bandwidth of 4 MHz. Other passband frequencies are available. Please consult the factory.

Features
• SMA Connectors
• Sharp Transition to Stopband
• 50 Ω Source and Load




Similar Part No. - 2713

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
2713 YANTEL-2713 Datasheet
182Kb / 2P
SMD RF Manual Tunable Inductor
logo
Heyco.
2713 HEYCO-2713 Datasheet
105Kb / 1P
Dome Plugs
logo
PHOENIX CONTACT
2713010 PHOENIX-2713010 Datasheet
141Kb / 7P
When a device is unplugged from the system as a whole, the signal chain is not interrupted혯 Supply via standard MINI COMBICON plug
logo
Integrated Technology F...
271301B ITF-271301B Datasheet
191Kb / 5P
SAW Bandpass Filter
2008-12-22
logo
PHOENIX CONTACT
2713023 PHOENIX-2713023 Datasheet
141Kb / 7P
Gold contacts for data transmission and power supply (125 V, 8 A)
More results


Similar Description - 2713

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
VBF-8000 MINI-VBF-8000 Datasheet
276Kb / 2P
Bandpass Filter
VBF-7500 MINI-VBF-7500 Datasheet
310Kb / 2P
Bandpass Filter
VBF-7350 MINI-VBF-7350 Datasheet
313Kb / 2P
Bandpass Filter
VBF-2275 MINI-VBF-2275 Datasheet
329Kb / 2P
Bandpass Filter
ZX75BP-1842 MINI-ZX75BP-1842 Datasheet
166Kb / 1P
Bandpass Filter
VBFZ-3590 MINI-VBFZ-3590 Datasheet
228Kb / 1P
Bandpass Filter
VBFZ-4000 MINI-VBFZ-4000 Datasheet
259Kb / 1P
Bandpass Filter
VBFZ-5500 MINI-VBFZ-5500 Datasheet
228Kb / 1P
Bandpass Filter
ZABP-450 MINI-ZABP-450 Datasheet
372Kb / 3P
Bandpass Filter
ZABP-587-S MINI-ZABP-587-S Datasheet
349Kb / 3P
Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com