Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCA440 Datasheet (PDF) - Gunter Seniconductor GmbH.

TCA440 Datasheet PDF - Gunter Seniconductor GmbH.
Part # TCA440
Download  TCA440 Download
File Size   162.37 Kbytes
Page   12 Pages
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.
Description AM - Receiver Circuit

TCA440 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCA440 Datasheet PDF - Gunter Seniconductor GmbH.

Part # TCA440
Download  TCA440 Click to download

File Size   162.37 Kbytes
Page   12 Pages
Manufacturer  GSG [Gunter Seniconductor GmbH.]
Direct Link  
Logo GSG - Gunter Seniconductor GmbH.
Description AM - Receiver Circuit

TCA440 Datasheet (HTML) - Gunter Seniconductor GmbH.


TCA440 Product details

Description
The TCA440/T is an efficient bipolar monolithic circuit to apply in battery - powered or mains - operated radio receivers up to 30 MHz. It contains controlled RF stage, mixer, separated oscillator and regulated multistage IF amplifier.

Features
• symmetrical structured circuitry
• controlled RF prestage
• multiplicative balanced mixer, separated oscillator
• very well implemented large - signal characteristic
   begins already from 4.5 V supply voltage
• terminals for indicating instrument
• controlled IF amplifier implementing 60 dB control range
• external demodulator (diode)
• wide range of supply voltage between 4.5 and 15 V




Similar Part No. - TCA440

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
AM Receiver Circuit
logo
List of Unclassifed Man...
TCA440 ETC-TCA440 Datasheet
73Kb / 11P
AM - Receiver Circuit
TCA440T ETC-TCA440T Datasheet
73Kb / 11P
AM - Receiver Circuit
More results


Similar Description - TCA440

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE787 NTE-NTE787 Datasheet
24Kb / 3P
Integrated Circuit AM Receiver Subsystem
logo
NXP Semiconductors
TDA1072A PHILIPS-TDA1072A Datasheet
647Kb / 20P
AM receiver circuit
May 1984
TDA1072AT PHILIPS-TDA1072AT Datasheet
256Kb / 21P
AM receiver circuit
March 1989
TDA1572 PHILIPS-TDA1572 Datasheet
229Kb / 19P
AM receiver circuit
December 1987
TEA5591 PHILIPS-TEA5591 Datasheet
282Kb / 22P
AM/FM radio receiver circuit
June 1989
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Siemens Semiconductor G...
TCA440 SIEMENS-TCA440 Datasheet
350Kb / 17P
AM Receiver Circuit
logo
List of Unclassifed Man...
TCA440 ETC-TCA440 Datasheet
73Kb / 11P
AM - Receiver Circuit
logo
TEMIC Semiconductors
TDA1072A TEMIC-TDA1072A Datasheet
253Kb / 8P
AM Receiver Circuit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com