Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF280 Datasheet (PDF) - Vanlong Technology Co., Ltd.

SF280 Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SF280
Download  SF280 Download
File Size   81.95 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 280.00 MHz SAW Filter

SF280 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF280 Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SF280
Download  SF280 Click to download

File Size   81.95 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 280.00 MHz SAW Filter

SF280 Datasheet (HTML) - Vanlong Technology Co., Ltd.


SF280 Product details

280.00 MHz SAW Filter
   
• Ideal for Receiver in 280.00 MHz
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Rugged, Hermetic, Low Profile F-11 Package
   




Similar Part No. - SF280

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SF28 MOSPEC-SF28 Datasheet
129Kb / 2P
POWER RECTIFIERS(2.0A,500-1000V)
logo
Bytes
SF28 BYTES-SF28 Datasheet
161Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
logo
Dc Components
SF28 DCCOM-SF28 Datasheet
473Kb / 2P
TECHNICAL SPECIFICATIONS OF SUPER FAST RECTIFIER
logo
EIC discrete Semiconduc...
SF28 EIC-SF28 Datasheet
48Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Formosa MS
SF28 FORMOSA-SF28 Datasheet
65Kb / 2P
2.0 AMP SUPER FAST RECTIFIERS
More results


Similar Description - SF280

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1189B-1 RFM-SF1189B-1 Datasheet
141Kb / 5P
280.00 MHz SAW Filter
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Vanlong Technology Co.,...
SF5302 VANLONG-SF5302 Datasheet
152Kb / 2P
280.00 MHz SAW Filter
logo
RF Monolithics, Inc
SF1189B RFM-SF1189B Datasheet
140Kb / 4P
280.00 MHz SAW Filter
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Transko Electronics, In...
TA28029AV TRANSKO-TA28029AV Datasheet
642Kb / 4P
280.00 MHz IF SAW Filter / 29.51 MHz Bandwidth
Revision 0: 07. Oct. 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com