Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYV95C Datasheet (PDF) - SynSemi, Inc.

BYV95C Datasheet PDF - SynSemi, Inc.
Part # BYV95C
Download  BYV95C Download
File Size   33.74 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description AVALANCHE FAST RECOVERY RECTIFIER DIODES

BYV95C Datasheet (PDF)

Go To PDF Page Download Datasheet
BYV95C Datasheet PDF - SynSemi, Inc.

Part # BYV95C
Download  BYV95C Click to download

File Size   33.74 Kbytes
Page   2 Pages
Manufacturer  SYNSEMI [SynSemi, Inc.]
Direct Link  http://www.synsemi.com
Logo SYNSEMI - SynSemi, Inc.
Description AVALANCHE FAST RECOVERY RECTIFIER DIODES

BYV95C Datasheet (HTML) - SynSemi, Inc.


BYV95C Product details

PRV : 200 - 1000 Volts

Io : 1.5 Amperes



FEATURES :

* High current capability

* High surge current capability

* High reliability

* Low reverse current

* Low forward voltage drop

* Fast switching for high efficiency



MECHANICAL DATA :

* Case : D2 Molded plastic

* Epoxy : UL94V-O rate flame retardant

* Lead : Axial lead solderable per MIL-STD-202,Method 208 guaranteed

* Polarity : Color band denotes cathode end

* Mounting position : Any

* Weight : 0.465 gram

* Pb / RoHS Free




Similar Part No. - BYV95C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95C PHILIPS-BYV95C Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95C EIC-BYV95C Datasheet
19Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
General Semiconductor
BYV95C GE-BYV95C Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV95C BILIN-BYV95C Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Gulf Semiconductor
BYV95C GULFSEMI-BYV95C Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 600V CURRENT: 1.5A
More results


Similar Description - BYV95C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A Datasheet
19Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
SynSemi, Inc.
BYD33D SYNSEMI-BYD33D Datasheet
31Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYD33D EIC-BYD33D Datasheet
47Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37D EIC-BYD37D Datasheet
117Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYV95A EIC-BYV95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYW95A NJSEMI-BYW95A Datasheet
155Kb / 1P
AVALANCHE FAST SOFT - RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYV95A EIC-BYV95A_V01 Datasheet
353Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
Rev. 05 : June 04, 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com