Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTA Datasheet (PDF) - Vanlong Technology Co., Ltd.

ZTA Datasheet PDF - Vanlong Technology Co., Ltd.
Part # ZTA
Download  ZTA Download
File Size   36.43 Kbytes
Page   1 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description MHz-Band Ceramic Resonator

ZTA Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTA Datasheet PDF - Vanlong Technology Co., Ltd.

Part # ZTA
Download  ZTA Click to download

File Size   36.43 Kbytes
Page   1 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description MHz-Band Ceramic Resonator

ZTA Datasheet (HTML) - Vanlong Technology Co., Ltd.


ZTA Product details

ZTA Series MHz-Band Ceramic Resonator

ZTA series MHz-Band ceramic resonators are widely used in telecommunication, cable, radar, TV set, tape recorder, video camera and other electronic products due to its lower price and stable performances.

• High stability of resonant frequency
• Comprises fixed, tuned, solid-state devices
• Miniature and light weight, simple construction
• Excellent shock resistance performance
• Non-adjustment of oscillator is possible




Similar Part No. - ZTA

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTA AURIS-ZTA Datasheet
147Kb / 1P
Resonator THT, 2 Pin
logo
ECM Electronics Limited...
ZTA ECM-ZTA Datasheet
99Kb / 1P
Electronics Ceramic Resonator
logo
List of Unclassifed Man...
ZTA ETC2-ZTA Datasheet
162Kb / 1P
CERAMIC RESONATOR
ZTA ETC2-ZTA Datasheet
61Kb / 1P
2.000MHz to 25.000MHz
logo
EUROQUARTZ limited
ZTA EUROQUARTZ-ZTA Datasheet
49Kb / 1P
CERAMIC RESONATORS
More results


Similar Description - ZTA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
EPCOS
R901 EPCOS-R901 Datasheet
36Kb / 4P
Resonator 315,00 MHz
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
MHz Band Ceramic Chip Resonators (SMD)
logo
Vanlong Technology Co.,...
ZTAC VANLONG-ZTAC Datasheet
37Kb / 1P
MHz-Band Ceramic Resonator
ZTB VANLONG-ZTB Datasheet
24Kb / 1P
KHz-Band Ceramic Resonator
ZTT VANLONG-ZTT Datasheet
38Kb / 1P
MHz-Band Ceramic Resonator
ZTTC VANLONG-ZTTC Datasheet
41Kb / 1P
MHz-Band Ceramic Resonator
logo
Shoulder Electronics Li...
ZTACV_MT SHOULDER-ZTACV_MT Datasheet
190Kb / 5P
CERAMIC RESONATOR
logo
Transko Electronics, In...
LTT TRANSKO-LTT Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
LT_LTS TRANSKO-LT_LTS Datasheet
370Kb / 1P
CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com