Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQ70-HPC Datasheet (PDF) - SynQor Worldwide Headquarters

IQ70-HPC Datasheet PDF - SynQor Worldwide Headquarters
Part # IQ70-HPC
Download  IQ70-HPC Download
File Size   1782.76 Kbytes
Page   28 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description Half-brick DC-DC Converter

IQ70-HPC Datasheet (PDF)

Go To PDF Page Download Datasheet
IQ70-HPC Datasheet PDF - SynQor Worldwide Headquarters

Part # IQ70-HPC
Download  IQ70-HPC Click to download

File Size   1782.76 Kbytes
Page   28 Pages
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters
Description Half-brick DC-DC Converter

IQ70-HPC Datasheet (HTML) - SynQor Worldwide Headquarters


IQ70-HPC Product details

Half-brick DC-DC Converter

The InQor® Half-brick converter series is composed of next-generation, board-mountable, isolated, fixed switching frequency dc-dc converters that use synchronous rectification to achieve extremely high power conversion efficiency. Each module is supplied completely encased to provide protection from the harsh environments seen in many industrial and transportation applications.

Operational Features
• High efficiencies, up to 91% at full rated load current
• Delivers full power with minimal derating - no heatsink required
• Operating input voltage range: 34 - 135 V
• Fixed frequency switching provides predictable EMI
• No minimum load requirement

Mechanical Features
• Industry standard Half-brick pin-out configuration
• Standard size: 2.390" x 2.490" x 0.512" (60.6 x 63.1 x 13.0 mm)
• Total weight: 5 oz (142 g)

Control Features
• On/Off control referenced to input side
• Remote sense for the output voltage
• Output voltage trim range of -20%, +10%

Safety Features
• 2250 V, 30 MW input-to-output isolation
• UL/cUL 60950-1 recognized (US & Canada), basic insulation rating
• TUV certified to EN60950-1
• Meets directives which facilitates CE Marking in user’s end product
• Board and plastic components meet UL94V-0 standard
• RoHS compliant (see last page)

Protection Features
• Input under-voltage lockout
• Output current limit and short circuit protection
• Active back bias limit
• Thermal shutdown




Similar Part No. - IQ70-HPC

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ72-QTC SYNQOR-IQ72-QTC Datasheet
1Mb / 26P
Quarter-brick DC-DC Converter
IQ72033QTC30NRS SYNQOR-IQ72033QTC30NRS Datasheet
1Mb / 26P
Quarter-brick DC-DC Converter
IQ72050QTC25NRS SYNQOR-IQ72050QTC25NRS Datasheet
1Mb / 26P
Quarter-brick DC-DC Converter
IQ72070QTC20NRS SYNQOR-IQ72070QTC20NRS Datasheet
1Mb / 26P
Quarter-brick DC-DC Converter
IQ72120QTC12NRS SYNQOR-IQ72120QTC12NRS Datasheet
1Mb / 26P
Quarter-brick DC-DC Converter
More results


Similar Description - IQ70-HPC

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB50W CUI-VHB50W Datasheet
619Kb / 4P
half brick dc-dc converter
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
Half-brick DC-DC Converter
IQ36-HPC SYNQOR-IQ36-HPC Datasheet
2Mb / 30P
Half-brick DC-DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
Half-brick DC/DC Converter
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
Half-brick DC/DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
half-brick dc-dc converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
HALF-BRICK DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com