Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5KP54APT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

5KP54APT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # 5KP54APT
Download  5KP54APT Download
File Size   106.93 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE

5KP54APT Datasheet (PDF)

Go To PDF Page Download Datasheet
5KP54APT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # 5KP54APT
Download  5KP54APT Click to download

File Size   106.93 Kbytes
Page   4 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description VOLTAGE-5.0 TO 110 VOLTS 5000 WATTS PEAK POWER 8.0 WATTS STEADY STATE

5KP54APT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.


5KP54APT Product details

FEATURES
* Plastic package
* 5000W surge capability at 1ms
* Glass passivated chip junction in P-6 Package
* Excellent clamping capability
* Low Zener lmpedance
* Fast response time: typically less than 1.0ps from 0 volts to BV min.
* Typical IR less than 1 uA above 10V
* High temperature soldering guaranteed: 300 degree C/10seconds/.375"(9.5mm) lead length/51 bs., (2.3k) tension




Similar Part No. - 5KP54APT

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP54A SURGE-5KP54A Datasheet
199Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Transys Electronics
5KP54A TRSYS-5KP54A Datasheet
252Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
5KP54A WTE-5KP54A Datasheet
58Kb / 5P
5000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
5KP54A RECTRON-5KP54A Datasheet
970Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
5KP54A DCCOM-5KP54A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 5KP54APT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1.5FMCJ RECTRON-1.5FMCJ Datasheet
38Kb / 5P
SURFACE MOUNT GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
1.5KE RECTRON-1.5KE Datasheet
46Kb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT PEAK POWER 5.0 WATTS STEADY STATE
3KP22AS RECTRON-3KP22AS Datasheet
30Kb / 3P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KP28A RECTRON-3KP28A Datasheet
410Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
P6KE510A RECTRON-P6KE510A Datasheet
205Kb / 4P
GPP TRANSIENT VOLTAGE SUPPRESSOR 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
3KP RECTRON-3KP Datasheet
289Kb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 8.0 WATTS STEADY STATE
3KPSMC RECTRON-3KPSMC Datasheet
282Kb / 7P
GPP TRANSIENT VOLTAGE SUPPRESSOR 3000 WATT PEAK POWER 7.5 WATTS STEADY STATE
logo
Nanjing International G...
1.5KE DGNJDZ-1.5KE Datasheet
334Kb / 4P
6.8 to 440 Volts 1500 Watts Peak Power 5.0 Watts Steady State
logo
Microdiode Semiconducto...
5.0SMDJ CHENDA-5.0SMDJ Datasheet
2Mb / 3P
5.0-170 Volts Peak pulse power: 5000 Watts
SMDJ CHENDA-SMDJ Datasheet
3Mb / 5P
5.0-170 Volts Peak pulse power: 3000 Watts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com