Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25FW808 Datasheet (PDF) - Sanyo Semicon Device

LE25FW808 Datasheet PDF - Sanyo Semicon Device
Part # LE25FW808
Download  LE25FW808 Download
File Size   150.59 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode

LE25FW808 Datasheet (PDF)

Go To PDF Page Download Datasheet
LE25FW808 Datasheet PDF - Sanyo Semicon Device

Part # LE25FW808
Download  LE25FW808 Click to download

File Size   150.59 Kbytes
Page   27 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode

LE25FW808 Datasheet (HTML) - Sanyo Semicon Device


LE25FW808 Product details

Overview
The LE25FW808 is 1024K×8bit Serial flash memory by 3.0V single power supply operation, and support serial peripheral interface (S.P.I.). There are three kinds of erase functions, Small Sector (8K bytes) erase, Sector (64K bytes) erase and Chip erase. If those erase is used properly according to the application, you can efficiently use the memory space. Page program can program the arbitrary data from 1 byte to 256 bytes. LE25FW808 has our original high-speed program function, page program time is 0.3ms (Typ.). Therefore, the overall rewriting time of 8M bit is 1.5s (Typ.), when combining with Chip erase. Moreover, LE25FW808 is stored in 8 pin very small package by making the best use of the feature of serial interface. According to these features, LE25FW808 is the best suited for applications in the portable electronic devices, that require re-programmable nonvolatile storage of program memory.

Features
• Read/write operations enabled by single 3.0V power supply: 2.7 to 3.6V supply voltage range
• Operating frequency : 50MHz
• Temperature range : 0 to 70°C
                      –40 to +85°C (Planning)
• Serial interface : SPI mode 0, mode 3 supported
• Sector size : 8K bytes/small sector, 64K bytes/sector
• Small sector erase, sector erase, chip erase functions
• Page program function (256 bytes/page)
• High-Density read mode (HD_READ)
• Block protect function
• Highly reliable read/write
   Number of rewrite times : 100,000 times
   Small sector erase time : 80ms (typ.), 300ms (max.)
   Sector erase time : 100ms (typ.), 400ms (max.)
   Chip erase time : 250ms (typ.), 3s (max.)
   Page program time : 0.3ms/256 bytes (typ.), 0.5ms/256 bytes (max.)
• Status functions
   Ready/busy information, protect information
• Data retention period : 20 years
• Package : LE25FW808TT MSOP8 (225mil)




Similar Part No. - LE25FW808

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
CMOS IC 8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
More results


Similar Description - LE25FW808

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9894AL OKI-MSM9894AL Datasheet
114Kb / 7P
8M-bit Serial Voice Flash Memory
logo
Winbond
W25P80 WINBOND-W25P80 Datasheet
806Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
W25P80 WINBOND-W25P80_07 Datasheet
966Kb / 43P
8M-BIT AND 16M-BIT SERIAL FLASH MEMORY
logo
Sanyo Semicon Device
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
8M-bit (1M횞8) Serial Flash Memory
logo
ON Semiconductor
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
List of Unclassifed Man...
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
8M-BIT SERIAL FLASH MEMORY
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com