Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SE78L05D Datasheet (PDF) - Seaward Electronics Inc.

SE78L05D Datasheet PDF - Seaward Electronics Inc.
Part # SE78L05D
Download  SE78L05D Download
File Size   166.42 Kbytes
Page   5 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 5V Positive Voltage Regulator

SE78L05D Datasheet (PDF)

Go To PDF Page Download Datasheet
SE78L05D Datasheet PDF - Seaward Electronics Inc.

Part # SE78L05D
Download  SE78L05D Click to download

File Size   166.42 Kbytes
Page   5 Pages
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.
Description 5V Positive Voltage Regulator

SE78L05D Datasheet (HTML) - Seaward Electronics Inc.


SE78L05D Product details

Description

The SE78L05D is three-terminal positive regulator. The SE78L05D can be used as Zener diode/resistor combination replacement. It offers an effective output impedance improvement of two orders of magnitude, and lower quiescent current. This fixed voltage regulators can provide local or on-card regulation for elimination of noise and distribution problems associated with single point regulation. It is an excellent solution to the stereo power supply on PC main board.



Features

► Output voltage of 5.0V (Typ.)

► Output current up to 150mA (Typ.)

► Minimum external components.

► Output voltage tolerances of ±4%

► ESD rating is 3KV (Per MIL-STD-883D).



Application

► Sound card on PC main board.

► DVD-ROM, CD-ROM.

► Networking Equipments.



 




Similar Part No. - SE78L05D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
More results


Similar Description - SE78L05D

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
logo
List of Unclassifed Man...
SE78L05 ETC-SE78L05 Datasheet
164Kb / 5P
5V POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com