Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD790 Datasheet (PDF) - Motorola, Inc

BD790 Datasheet PDF - Motorola, Inc
Part # BD790
Download  BD790 Download
File Size   176.26 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Complementary Plastic Silicon Power Transistors

BD790 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD790 Datasheet PDF - Motorola, Inc

Part # BD790
Download  BD790 Click to download

File Size   176.26 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Complementary Plastic Silicon Power Transistors

BD790 Datasheet (HTML) - Motorola, Inc


BD790 Product details

Complementary Plastic Silicon Power Transistors

. . . designed for low power audio amplifier and low–current, high speed switching applications.

• High Collector–Emitter Sustaining Voltage —
    VCEO(sus) = 80 Vdc (Min) — BD789, BD790
                       = 100 Vdc (Min) — BD791, BD792
• High DC Current Gain @ IC = 200 mAdc hFE = 40–250
• Low Collector–Emitter Saturation Voltage — VCE(sat) = 0.5 Vdc (Max) @ IC = 500 mAdc
• High Current Gain — Bandwidth Product —  fT = 40 MHz (Min) @ IC = 100 mAdc)




Similar Part No. - BD790

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD790 NJSEMI-BD790 Datasheet
109Kb / 2P
Complementary Plastic Silicon Power Transistors
logo
Rohm
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
6CH Power Driver for CD-ROM, DVD-ROM
BD7902FS ROHM-BD7902FS Datasheet
200Kb / 18P
6CH Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
5CH Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
5ch Power Driver for CD-ROM, DVD-ROM
More results


Similar Description - BD790

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
Complementary Silicon Plastic Power Transistors
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com