Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6118 Datasheet (PDF) - Torex Semiconductor

XC6118 Datasheet PDF - Torex Semiconductor
Part # XC6118
Download  XC6118 Download
File Size   355.13 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Voltage Detector with Separated Sense Pin & Delay Capacitor Pin

XC6118 Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6118 Datasheet PDF - Torex Semiconductor

Part # XC6118
Download  XC6118 Click to download

File Size   355.13 Kbytes
Page   20 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Voltage Detector with Separated Sense Pin & Delay Capacitor Pin

XC6118 Datasheet (HTML) - Torex Semiconductor


XC6118 Product details

■ GENERAL DESCRIPTION

The XC6118 series is a low power consumption voltage detector with high accuracy detection, manufactured using CMOS process and laser trimming technologies. Since the sense pin is separated from the power supply pin, it allows the IC to monitor the other power supply. The XC6118 can maintain the state of detection even when voltage of the monitored power supply drops to 0V. Moreover, a release delay time can be adjusted by the external capacitor connected to the Cd pin. The VOUT pin is available in both CMOS and N-channel open drain output configurations.



■ FEATURES

High Accuracy :± 2% (Detect Voltage≧ 1.5V)

:± 30mV(Detect Voltage< 1.5V)

Low Power Consumption : 0.4μ A(Detect, VIN=1.0V) (TYP.)

: 0.8μ A(Release, VIN=1.0V)(TYP.)

Detect Voltage Range : 0.8V~ 5.0V (0.1V increments)

Operating Voltage Range : 1.0V~ 6.0V

Temperature Characteristics : ± 100ppm/℃ (TYP.)

Output Configuration : CMOS, N-channel open drain

Operating Temperature Range : -40℃~ +85℃

Separated Sense Pin : Power supply separation

Built-in delay time : Release delay time adjustable

Packages : USP-4, SOT-25



■ APPLICATIONS

Microprocessor reset circuitry

Charge voltage monitors

Memory battery back-up switch circuits

Power failure detection circuits




Similar Part No. - XC6118

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08BGR-G TOREX-XC6118C08BGR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08BMR-G TOREX-XC6118C08BMR-G Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results


Similar Description - XC6118

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S19102 SII-S19102 Datasheet
2Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
VOLTAGE DETECTOR WITH SENSE PIN
logo
Torex Semiconductor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com