Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6220D08BPR-G Datasheet (PDF) - Torex Semiconductor

XC6220D08BPR-G Datasheet PDF - Torex Semiconductor
Part # XC6220D08BPR-G
Download  XC6220D08BPR-G Download
File Size   530.72 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A LDO Voltage Regulator with ?쏥reenOperation?

XC6220D08BPR-G Datasheet (PDF)

Go To PDF Page Download Datasheet
XC6220D08BPR-G Datasheet PDF - Torex Semiconductor

Part # XC6220D08BPR-G
Download  XC6220D08BPR-G Click to download

File Size   530.72 Kbytes
Page   30 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description 1A LDO Voltage Regulator with ?쏥reenOperation?

XC6220D08BPR-G Datasheet (HTML) - Torex Semiconductor


XC6220D08BPR-G Product details

■GENERAL DESCRIPTION

The XC6220 series is a highly accurate, low noise, high speed, low dropout, and large current CMOS voltage regulator with GreenOperation function. The series consistsof a voltage reference, an error amplifier, a current limiter, an inrush current prevention circuit and a phase compensation circuit plus a driver transistor.



■FEATURES

Maximum Output Current : 1000mA (TYP.:1200mA limit)

                                     (1.2V≦VOUT≦5.0V)

Dropout Voltage             : 20mV @ 100mA (VOUT=3.0V)

                                   : 60mV@ 300mA (VOUT=3.0V)

Operating Voltage Range  : 1.6V ~ 6.0V

Output Voltage Range      : 0.8V ~ 5.0V (0.05V increments)

Accuracy                        :±1% (VOUT≧2.0V)

                                   :±20mV (VOUT<2.0V)

Low Power Consumption  : 8μA (TYP.) in PS mode

                                  : 50μA (TYP.) in HS mode

Operating Temperature    : - 40℃~ +85℃

Thermal Shutdown          : Detect 150℃, Release 135℃(TYP.)

Inrush Current Protection  : 700mA (MAX.)

CLAuto Discharge           : XC6220B/D Series

CE Pull-Down Resistor     : XC6220C/D Series

Output Capacitor           : Ceramic Capacitor Compatible

Packages                      : USP-6C, SOT-25, SOT-89-5

Environmentally Friendly  : EU RoHS Compliant, Pb Free



■APPLICATIONS

●CD-ROM, CD-R/RW drives

●DVD drives

●HDD drives

●MIDs, UMPCs

●Digital still cameras, Video cameras

●Portable AV equipment




Similar Part No. - XC6220D08BPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220D08BPR-G TOREX-XC6220D08BPR-G Datasheet
817Kb / 26P
1A LDO Voltage Regulator with “Green Operation”
ETR0341-015
More results


Similar Description - XC6220D08BPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
1A LDO Voltage Regulator with ?쏥reenOperation?
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
Bipolar 1A LDO Voltage regulator
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
Ultra LDO 1A Linear Regulator With
logo
ELM Electronics
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
Bipolar 1A LDO voltage regulator
logo
Sangdest Microelectroni...
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
Ultra LDO 1A Linear Regulator With
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
Ultra LDO 1A Linear Regulator With
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com