Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK433-090-E Datasheet (PDF) - Sanyo Semicon Device

STK433-090-E Datasheet PDF - Sanyo Semicon Device
Part # STK433-090-E
Download  STK433-090-E Download
File Size   184.29 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel class AB audio power IC,80W80W

STK433-090-E Datasheet (PDF)

Go To PDF Page Download Datasheet
STK433-090-E Datasheet PDF - Sanyo Semicon Device

Part # STK433-090-E
Download  STK433-090-E Click to download

File Size   184.29 Kbytes
Page   11 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description 2-channel class AB audio power IC,80W80W

STK433-090-E Datasheet (HTML) - Sanyo Semicon Device


STK433-090-E Product details

Overview

The STK433-090-E is a hybrid IC designed to be used in 80W ×80W (2-channel) class AB audio power amplifiers.



Features

•Pin-to-pin compatible outputs ranging from 80W to 150W.

•Can be used to replace the STK433-200, STK433-300 series (3-channel) due to its pin compatibility.

•Miniature package (67.0mm ×25.6mm ×9.0mm)

•Output load impedance: RL= 6Ω supported

•Allowable load shorted time: 0.3 second

•Allows the use of predesigned applications for standby and mute circuits.



Applications

•Audio power amplifiers.

 




Similar Part No. - STK433-090-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-090LF SUNSPIRIT-STK433-090LF Datasheet
355Kb / 2P
2-channel class AB audio power IC, 100W100W
More results


Similar Description - STK433-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
2-Channel Power Switching Audio Power IC, 80W80W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
2-channel class AB audio power IC, 30W30W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
2-channel class AB audio power IC, 40W40W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
2-channel class AB audio power IC, 50W50W
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
2channel class-AB Audio Power IC
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
4channel class-AB Audio Power IC 80W 횞 4ch
More results




About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com