Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08LL16 Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08LL16 Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08LL16
Download  MC9S08LL16 Download
File Size   1143.21 Kbytes
Page   50 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit

MC9S08LL16 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08LL16 Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08LL16
Download  MC9S08LL16 Click to download

File Size   1143.21 Kbytes
Page   50 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit

MC9S08LL16 Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08LL16 Product details

Features
• 8-Bit HCS08 Central Processor Unit (CPU)
   – Up to 20-MHz CPU at 3.6V to 1.8V across temperature range of -40°C to 85°C
   – HC08 instruction set with added BGND instruction
   – Support for up to 32 interrupt/reset sources
• On-Chip Memory
   – Dual Array FLASH read/program/erase over full operating voltage and temperature
   – Random-access memory (RAM)
   – Security circuitry to prevent unauthorized access to RAM and FLASH contents
• Power-Saving Modes
   – Two low power stop modes
   – Reduced power wait mode
   – Low power run and wait modes allow peripherals to run while voltage regulator is in standby
   – Peripheral clock gating register can disable clocks to unused modules, thereby reducing currents.
   – Very low power external oscillator that can be used in stop2 or stop3 modes to provide accurate clock source to real time counter
   – 6 usec typical wake up time from stop3 mode
• Clock Source Options
   – Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
   – Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 1MHz to 10 MHz.
• System Protection
   – Watchdog computer operating properly (COP) reset with option to run from dedicated 1-kHz internal clock source or bus clock
   – Low-Voltage Warning with interrupt
   – Low-Voltage Detection with reset or interrupt
   – Illegal opcode and illegal address detection with reset
   – Flash block protection
• Development Support
   – Single-wire background debug interface
   – Breakpoint capability to allow single breakpoint setting during in-circuit debugging (plus two more breakpoints in on-chip debug module)
• Input/Output
   – 38 GPIOs, 2 output-only pins
   – 8 KBI interrupts with selectable polarity
   – Hysteresis and configurable pull up device on all input pins; Configurable slew rate and drive strength on all output pins.
• Package Options
   – 64-LQFP, 48-LQFP and 48-QFN




Similar Part No. - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
2Mb / 31P
Implementing a Glucometer and Blood Pressure Monitor Medical Devices
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
957Kb / 44P
MC9S08LL16 Series
logo
NXP Semiconductors
MC9S08LL16 NXP-MC9S08LL16 Datasheet
2Mb / 138P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
958Kb / 42P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08LL16 NXP-MC9S08LL16 Datasheet
6Mb / 352P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results


Similar Description - MC9S08LL16

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
8-Bit HCS08 Central Processor Unit
MC9S08SE8 FREESCALE-MC9S08SE8 Datasheet
2Mb / 38P
8-Bit HCS08 Central Processor Unit
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
8-Bit HCS08 Central Processor Unit
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
8-Bit HCS08 Central Processor Unit (CPU)
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com