Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL28207 Datasheet (PDF) - Intersil Corporation

ISL28207 Datasheet PDF - Intersil Corporation
Part # ISL28207
Download  ISL28207 Download
File Size   957.13 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single and Dual Low Noise Operational Amplifiers

ISL28207 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28207 Datasheet PDF - Intersil Corporation

Part # ISL28207
Download  ISL28207 Click to download

File Size   957.13 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single and Dual Low Noise Operational Amplifiers

ISL28207 Datasheet (HTML) - Intersil Corporation


ISL28207 Product details

Precision Single, Dual and Quad Low Noise Operational Amplifiers

The ISL28107, ISL28207 and ISL28407 are single, dual and quad amplifiers featuring low noise, low input bias current, and low offset and temperature drift. This makes them the ideal choice for applications requiring both high DC accuracy and AC performance. The combination of precision, low noise, and small footprint provides the user with outstanding value and flexibility relative to similar competitive parts.

Features
• Low Input Offset. . . . . . . . . . . . . . . . . . . . . . . . . . . . .75µV Max.
• Input Bias Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15pA
• Superb Temperature Drift
    - Voltage Offset. . . . . . . . . . . . . . . . . . . . . . . 0.65µV/°C Max.
    - Input Current. . . . . . . . . . . . . . . . . . . . . . . . . .0.9pA/°C Max.
• Outstanding ESD performance
    - Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
    - Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
    - Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
• Very Low Voltage Noise, 10Hz . . . . . . . . . . . . . . . . . 14nV/√Hz
• Low Current Consumption (per amp) . . . . . . . . 0.29mA Max.
• Gain-bandwidth Product . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Wide Supply Range . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating Temperature Range. . . . . . . . . . .-40°C to +125°C
• No Phase Reversal
• Pb-Free (RoHS Compliant)

Applications
• Precision Instruments
• Medical Instrumentation
• Spectral Analysis Equipment
• Active Filter Blocks
• Microphone Pre-amplifier
• Thermocouples and RTD Reference Buffers
• Data Acquisition
• Power Supply Control




Similar Part No. - ISL28207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28207 INTERSIL-ISL28207 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28207 INTERSIL-ISL28207 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28207 INTERSIL-ISL28207 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28207 INTERSIL-ISL28207 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational
September 6, 2011
ISL28207 INTERSIL-ISL28207 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
More results


Similar Description - ISL28207

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
May 29, 2009
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127_1012 INTERSIL-ISL28127_1012 Datasheet
1Mb / 26P
Precision Single and Dual Low Noise Operational Amplifiers
December 16, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 29, 2015
ISL28127FBZ INTERSIL-ISL28127FBZ Datasheet
1Mb / 27P
Precision Single and Dual Low Noise Operational Amplifiers
September 10, 2015
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
Precision Single and Dual Low Noise Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com