Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL8840AMBEPZ Datasheet (PDF) - Intersil Corporation

ISL8840AMBEPZ Datasheet PDF - Intersil Corporation
Part # ISL8840AMBEPZ
Download  ISL8840AMBEPZ Download
File Size   231.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance Industry Standard Single-Ended Current Mode PWM Controller

ISL8840AMBEPZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8840AMBEPZ Datasheet PDF - Intersil Corporation

Part # ISL8840AMBEPZ
Download  ISL8840AMBEPZ Click to download

File Size   231.72 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Performance Industry Standard Single-Ended Current Mode PWM Controller

ISL8840AMBEPZ Datasheet (HTML) - Intersil Corporation


ISL8840AMBEPZ Product details

The ISL884xAMBEPZ is a high performance drop-in replacement for the popular 28C4x and 18C4x PWM controllers suitable for a wide range of power conversion applications including boost, flyback, and isolated output configurations. Its fast signal propagation and output switching characteristics make this an ideal product for existing and new designs.
Features include 30V operation, low operating current, 90µA start-up current, adjustable operating frequency to 2MHz, and high peak current drive capability with 20ns rise and fall times.

Features
• Full Mil-Temp Electrical Performance from -55°C to +125°C
• Controlled Baseline with One Wafer Fabrication Site and One Assembly/Test Site
• Full Homogenous Lot Processing in Wafer Fab
• No Combination of Wafer Fabrication Lots in Assembly
• Full Traceability Through Assembly and Test by Date/Trace Code Assignment
• Enhanced Process Change Notification
• Enhanced Obsolescence Management
• Eliminates Need for Up-Screening a COTS Component
• 1A MOSFET Gate Driver
• 90µA Start-up Current, 125µA Maximum
• 35ns Propagation Delay Current Sense to Output
• Fast Transient Response with Peak Current Mode Control
• 30V Operation
• Adjustable Switching Frequency to 2MHz
• 20ns Rise and Fall Times with 1nF Output Load
• Trimmed Timing Capacitor Discharge Current for Accurate Deadtime/Maximum Duty Cycle Control
• 1.5MHz Bandwidth Error Amplifier
• Tight Tolerance Voltage Reference Over Line, Load and Temperature
• ±3% Current Limit Threshold
• Pb-Free (RoHS Compliant)

Applications
• Isolated Flyback and Forward Regulators
• Boost Regulators

Package 8 LD SOIC




Similar Part No. - ISL8840AMBEPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8840AMBEPZ INTERSIL-ISL8840AMBEPZ Datasheet
229Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
More results


Similar Description - ISL8840AMBEPZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8843 INTERSIL-ISL8843 Datasheet
305Kb / 12P
Industry Standard Single-Ended Current Mode PWM Controller
October 19, 2005
ISL8840A INTERSIL-ISL8840A Datasheet
302Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8843 INTERSIL-ISL8843_06 Datasheet
313Kb / 12P
Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASRH INTERSIL-ISL78840ASRH_10 Datasheet
766Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL78840ASEH INTERSIL-ISL78840ASEH Datasheet
810Kb / 15P
Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
May 29, 2012
ISL8843 INTERSIL-ISL8843 Datasheet
341Kb / 13P
Industry Standard Single-Ended Current Mode PWM Controller
September 14, 2015
ISL8840AABZ INTERSIL-ISL8840AABZ Datasheet
309Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
April 18, 2007
ISL8840AMZ INTERSIL-ISL8840AMZ Datasheet
229Kb / 10P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
December 1, 2011
logo
Renesas Technology Corp
ISL8840A RENESAS-ISL8840A Datasheet
716Kb / 15P
High Performance Industry Standard Single-Ended Current Mode PWM Controller
ISL8843 RENESAS-ISL8843 Datasheet
639Kb / 13P
Industry Standard Single-Ended Current Mode PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com