Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS-59004-C2-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-59004-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-59004-C2-R0
Download  ATS-59004-C2-R0 Download
File Size   299.54 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Custom High Performance Cooling

ATS-59004-C2-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-59004-C2-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-59004-C2-R0
Download  ATS-59004-C2-R0 Click to download

File Size   299.54 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Custom High Performance Cooling

ATS-59004-C2-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATS-59004-C2-R0 Product details

Designed for flip-chip processors such as Freescale MPCs
maxiGRIP™ attachment applies steady, even pressure to
the component and does not require holes in the PCB
Comes preassembled with high performance, phase
changing, thermal interface material




Similar Part No. - ATS-59004-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-59004-C1-R0 ATS-ATS-59004-C1-R0 Datasheet
749Kb / 1P
maxiGRIP™ HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
Rev - 121101
ATS-59004-C1-R0 ATS-ATS-59004-C1-R0_17 Datasheet
281Kb / 1P
Designed for flip-chip processors such as NXP MPCs
Rev - 230517
More results


Similar Description - ATS-59004-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-59000-C2-R0 ATS-ATS-59000-C2-R0 Datasheet
294Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59001-C2-R0 ATS-ATS-59001-C2-R0 Datasheet
294Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59002-C2-R0 ATS-ATS-59002-C2-R0 Datasheet
294Kb / 1P
Custom High Performance Cooling
REV2_111108
ATS-59003-C2-R0 ATS-ATS-59003-C2-R0 Datasheet
299Kb / 1P
Custom High Performance Cooling
REV2_111708
ATS-59005-C2-R0 ATS-ATS-59005-C2-R0 Datasheet
299Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59006-C2-R0 ATS-ATS-59006-C2-R0 Datasheet
299Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59007-C2-R0 ATS-ATS-59007-C2-R0 Datasheet
300Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59008-C2-R0 ATS-ATS-59008-C2-R0 Datasheet
299Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59009-C2-R0 ATS-ATS-59009-C2-R0 Datasheet
291Kb / 1P
Custom High Performance Cooling
REV2_111408
ATS-59000-C1-R0 ATS-ATS-59000-C1-R0 Datasheet
173Kb / 1P
Custom High Performance Cooling Solutions w/maxi GRIP Attachment
Rev - 121101
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com