Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLD335F Datasheet (PDF) - Sony Corporation

SLD335F Datasheet PDF - Sony Corporation
Part # SLD335F
Download  SLD335F Download
File Size   149.87 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5W High Power Laser Diode

SLD335F Datasheet (PDF)

Go To PDF Page Download Datasheet
SLD335F Datasheet PDF - Sony Corporation

Part # SLD335F
Download  SLD335F Click to download

File Size   149.87 Kbytes
Page   5 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description 5W High Power Laser Diode

SLD335F Datasheet (HTML) - Sony Corporation


SLD335F Product details

Description
The SLD335F is a 5W high power laser diode designed to have a uniform emission area that is suitable for the applications for solid-state laser excitation, measurement, printing, etc.

Features
◆ High-power
   Recommended optical power output Po = 5W
◆ High-optical power density: 5W/200μm (Emitting line width)




Similar Part No. - SLD335F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results


Similar Description - SLD335F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLT635_100G ROITHNER-RLT635_100G Datasheet
109Kb / 2P
High Power Visible Laser Diode
RLT635_SERIES ROITHNER-RLT635_SERIES Datasheet
195Kb / 4P
635nm High Power Laser Diode
RLT780-150GS ROITHNER-RLT780-150GS Datasheet
278Kb / 4P
High Power Infrared Laser Diode
RLT830-150GS ROITHNER-RLT830-150GS Datasheet
58Kb / 1P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com