Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL6327A Datasheet (PDF) - Intersil Corporation

ISL6327A Datasheet PDF - Intersil Corporation
Part # ISL6327A
Download  ISL6327A Download
File Size   677.13 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing

ISL6327A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6327A Datasheet PDF - Intersil Corporation

Part # ISL6327A
Download  ISL6327A Click to download

File Size   677.13 Kbytes
Page   29 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing

ISL6327A Datasheet (HTML) - Intersil Corporation


ISL6327A Product details

Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing



The ISL6327A controls microprocessor core voltage regulation by driving up to6 synchronous-rectified buck

channels in parallel. Multiphase buck converter architecture uses interleaved timing to multiply channel ripple frequency and reduce input and output ripple currents. Lower ripple results in fewer components, lower component cost, reduced power dissipation, and smaller implementation area.



Features

• Proprietary Active Pulse Positioning and Adaptive Phase Alignment Modulation Scheme

• Precision Multiphase Core Voltage Regulation

- Differential Remote Voltage Sensing

- ±0.5% System Accuracy Over Life, Load, Line and Temperature

- Adjustable Precision Reference-Voltage Offset

• Precision Resistoror DCR Current Sensing

- Accurate Load-Line Programming, Channel-Current Balancing, Differential Current Sense

• Microprocessor Voltage Identification Input

- Dynamic VID™ Technology

- 8-Bit VID Input with Selectable VR11 code and Extended VR10 Code at 6.25mV Per Bit

- 0.5V to 1.600V Operation Range

• Monotonic Output Voltage Soft-start

• Thermal Monitoring

• Integrated Programmable Temperature Compensation

• Overcurrent Protection and Channel Current Limit

• Overvoltage Protection with OVP Output Indication

• 2-, 3-, 4-, 5- or 6-Phase Operation

• Adjustable Switching Frequency up to 1MHz Per Phase

• Package Option

- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad Flat No Leads - Product Outline

- QFN Near Chip Scale Package Footprint; Improves PCB Efficiency, Thinner in Profile

• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6327A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
ISL6327ACRZ RENESAS-ISL6327ACRZ Datasheet
1Mb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
ISL6327AIRZ RENESAS-ISL6327AIRZ Datasheet
1Mb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results


Similar Description - ISL6327A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
August 31, 2005
ISL6327 INTERSIL-ISL6327 Datasheet
659Kb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
December 20, 2006
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
March 9, 2006
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
March 9, 2006
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
December 12, 2006
logo
Renesas Technology Corp
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A RENESAS-ISL6307A Datasheet
1Mb / 33P
Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
ISL6327 RENESAS-ISL6327 Datasheet
1Mb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com