Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL2106 Datasheet (PDF) - Intersil Corporation

ZL2106 Datasheet PDF - Intersil Corporation
Part # ZL2106
Download  ZL2106 Download
File Size   624.95 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A Digital-DC Synchronous Step-Down DC-DC Converter

ZL2106 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZL2106 Datasheet PDF - Intersil Corporation

Part # ZL2106
Download  ZL2106 Click to download

File Size   624.95 Kbytes
Page   35 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 6A Digital-DC Synchronous Step-Down DC-DC Converter

ZL2106 Datasheet (HTML) - Intersil Corporation


ZL2106 Product details

6A Digital-DC Synchronous Step-Down DC/DC Converter

The ZL2106 is a digital power conversion and management IC that combines an integrated synchronous step-down DC/DC converter with key power management functions in a small package, resulting in a flexible and integrated solution.

Features
• Integrated MOSFET switches
• 6A continuous output current
• ±1% output voltage accuracy
• Snapshot™ parametric capture
• I2C/SMBus interface, PMBus compatible
• Internal non-volatile memory (NVM)

Applications
• Telecom, Networking, Storage equipment
• Test and Measurement equipment
• Industrial control equipment
• 5V and 12V distributed power systems




Similar Part No. - ZL2106

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
logo
Renesas Technology Corp
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106 Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
More results


Similar Description - ZL2106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3609 LINER-LTC3609 Datasheet
271Kb / 24P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2106 INTERSIL-ZL2106_10 Datasheet
571Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 11, 2010
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
936Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
logo
Linear Technology
LTC3616 LINER-LTC3616_15 Datasheet
533Kb / 28P
6A, 4MHz Monolithic Synchronous Step-Down DC/DC Converter
LTC3609 LINER-LTC3609_15 Datasheet
424Kb / 26P
32V, 6A Monolithic Synchronous Step-Down DC/DC Converter
logo
Intersil Corporation
ZL2101ALAF INTERSIL-ZL2101ALAF Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
ZL2106ALCF INTERSIL-ZL2106ALCF Datasheet
934Kb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
February 20, 2013
ZL2101 INTERSIL-ZL2101 Datasheet
725Kb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
January 23, 2012
logo
Renesas Technology Corp
ZL2101 RENESAS-ZL2101 Datasheet
1Mb / 27P
6A Digital Synchronous Step-Down DC/DC Converter with Auto Compensation
ZL2106 RENESAS-ZL2106 Datasheet
1Mb / 29P
6A Digital-DC Synchronous Step-Down DC/DC Converter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com