Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C21345 Datasheet (PDF) - Cypress Semiconductor

CY8C21345 Datasheet PDF - Cypress Semiconductor
Part # CY8C21345
Download  CY8C21345 Download
File Size   797.29 Kbytes
Page   27 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC Programmable System-on-Chip

CY8C21345 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY8C21345 Datasheet PDF - Cypress Semiconductor

Part # CY8C21345
Download  CY8C21345 Click to download

File Size   797.29 Kbytes
Page   27 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description PSoC Programmable System-on-Chip

CY8C21345 Datasheet (HTML) - Cypress Semiconductor


CY8C21345 Product details

PSoC Functional Overview
The PSoC family consists of many On-Chip Controller devices. These devices are designed to replace multiple traditional MCU-based system components with one low cost single-chip programmable device. PSoC devices include configurable blocks of analog and digital logic, and programmable interconnects. This architecture enables the user to create customized peripheral configurations that match the requirements of each individual application. Additionally, a fast CPU, Flash program memory, SRAM data memory, and configurable I/O are included in a range of convenient pinouts and packages.

Features
■ Powerful Harvard-architecture processor:
   ❐ M8C processor speeds up to 24 MHz
   ❐ 8 × 8 multiply, 32-bit accumulate
   ❐ Low power at high speed
   ❐ 3.0 V to 5.25 V operating voltage
   ❐ Industrial temperature range: –40 °C to +85 °C
■ Advanced peripherals (PSoC® Blocks)
   ❐ Six analog type “E” PSoC blocks provide:
      • Single or dual 8-Bit ADC
      • Comparators (up to four)
   ❐ Up to eight digital PSoC blocks provide:
      • 8- to 32-bit timers and counters, 8- and 16-bit pulse-width modulators (PWMs)
      • One shot, multi-shot mode support in timers and PWMs
      • PWM with deadband support in one digital block
      • Shift register, CRC, and PRS modules
      • Full duplex UART
      • Multiple SPI masters or slaves, variable data length Support: 8- to 16-Bit
      • Can be connected to all GPIO pins
   ❐ Complex peripherals by combining blocks
   ❐ Shift function support for FSK detection
   ❐ Powerful synchronize feature support. Analog module operations can be synchronized by digital blocks or external signals.
■ High speed 10-bit SAR ADC with sample and hold optimized for embedded control
■ Precision, programmable clocking:
   ❐ Internal ± 5% 24/48 MHz oscillator across the industrial temperature range
   ❐ High accuracy 24 MHz with optional 32 kHz crystal and PLL
   ❐ Optional external oscillator, up to 24 MHz
   ❐ Internal/external oscillator for watchdog and sleep
■ Flexible on-chip memory:
   ❐ Up to 16 KB flash program storage 50,000 erase/write cycles
   ❐ Up to 1-KB SRAM data storage
   ❐ In-system serial programming (ISSP)
   ❐ Partial flash updates
   ❐ Flexible protection modes
   ❐ EEPROM emulation in flash
■ Optimized CapSense® resource:
   ❐ Two IDAC support up to 640 µA source current to replace external resistor
   ❐ Two dedicated clock resources for CapSense:
      • CSD_CLK: 1/2/4/8/16/32/128/256 derive from SYSCLK
      • CNT_CLK: 1/2/4/8 Derive from CSD_CLK
   ❐ Dedicated 16-bit timers/counters for CapSense scanning
   ❐ Support dual CSD channels simultaneous scanning
■ Programmable pin configurations:
   ❐ 25 mA sink, 10 mA source on all GPIOs
   ❐ Pull-up, pull-down, high Z, Strong, or open-drain drive modes on all GPIOs
   ❐ Up to 38 analog inputs on GPIOs
   ❐ Configurable interrupt on all GPIOs
■ Additional system resources:
   ❐ I2C™ slave, master, and multimaster to 400 kHz
   ❐ Supports hardware addressing feature
   ❐ Watchdog and sleep timers
   ❐ User configurable low voltage detection
   ❐ Integrated supervisory circuit
   ❐ On-Chip precision voltage reference
   ❐ Supports RTC block into digital peripheral logic




Similar Part No. - CY8C21345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C21345 CYPRESS-CY8C21345 Datasheet
935Kb / 36P
Automotive PSoC짰 Programmable System-on-Chip?
CY8C21345 CYPRESS-CY8C21345 Datasheet
960Kb / 34P
PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345 Datasheet
531Kb / 39P
PSoC짰 Programmable System-on-Chip
Revised April 9, 2013
CY8C21345-12PVXE CYPRESS-CY8C21345-12PVXE Datasheet
935Kb / 36P
Automotive PSoC짰 Programmable System-on-Chip?
More results


Similar Description - CY8C21345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
Programmable System-on-Chip (PSoC)
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
PSoC Programmable System-on-Chip
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
PSoC Programmable System-on-Chip
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
Programmable System-on-Chip (PSoC)
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com