Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY14B108L Datasheet (PDF) - Cypress Semiconductor

CY14B108L Datasheet PDF - Cypress Semiconductor
Part # CY14B108L
Download  CY14B108L Download
File Size   860.72 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8 Mbit (1024K x 8/512K x 16) nvSRAM

CY14B108L Datasheet (PDF)

Go To PDF Page Download Datasheet
CY14B108L Datasheet PDF - Cypress Semiconductor

Part # CY14B108L
Download  CY14B108L Click to download

File Size   860.72 Kbytes
Page   24 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8 Mbit (1024K x 8/512K x 16) nvSRAM

CY14B108L Datasheet (HTML) - Cypress Semiconductor


CY14B108L Product details

Functional Description
The Cypress CY14B108L/CY14B108N is a fast static RAM, with a nonvolatile element in each memory cell. The memory is organized as 1024 Kbytes of 8 bits each or 512K words of 16 bits each. The embedded nonvolatile elements incorporate QuantumTrap technology, producing the world’s most reliable nonvolatile memory. The SRAM provides infinite read and write cycles, while independent nonvolatile data resides in the highly reliable QuantumTrap cell. Data transfers from the SRAM to the nonvolatile elements (the STORE operation) takes place automatically at power down. On power up, data is restored to the SRAM (the RECALL operation) from the nonvolatile memory. Both the STORE and RECALL operations are also available under software control.

Features
■ 20 ns, 25 ns, and 45 ns Access Times
■ Internally Organized as 1024K x 8 (CY14B108L) or 512K x 16 (CY14B108N)
■ Hands off Automatic STORE on Power Down with only a Small Capacitor
■ STORE to QuantumTrap Nonvolatile Elements Initiated by Software, Device Pin, or AutoStore on Power Down
■ RECALL to SRAM Initiated by Software or Power Up
■ Infinite Read, Write, and RECALL Cycles
■ 200,000 STORE Cycles to QuantumTrap
■ 20 year Data Retention
■ Single 3V +20%, -10% Operation
■ Commercial and Industrial Temperatures
■ 48-Ball FBGA and 44/54-Pin TSOP-II Packages
■ Pb-free and RoHS Compliant




Similar Part No. - CY14B108L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
889Kb / 24P
8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108L CYPRESS-CY14B108L Datasheet
952Kb / 25P
8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108L-BA25XI CYPRESS-CY14B108L-BA25XI Datasheet
889Kb / 24P
8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108L-BA25XI CYPRESS-CY14B108L-BA25XI Datasheet
952Kb / 25P
8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108L-BA25XIT CYPRESS-CY14B108L-BA25XIT Datasheet
889Kb / 24P
8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
More results


Similar Description - CY14B108L

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com