Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14C88-5 Datasheet (PDF) - Cypress Semiconductor

STK14C88-5 Datasheet PDF - Cypress Semiconductor
Part # STK14C88-5
Download  STK14C88-5 Download
File Size   535.45 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) AutoStore nvSRAM

STK14C88-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK14C88-5 Datasheet PDF - Cypress Semiconductor

Part # STK14C88-5
Download  STK14C88-5 Click to download

File Size   535.45 Kbytes
Page   17 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 256 Kbit (32K x 8) AutoStore nvSRAM

STK14C88-5 Datasheet (HTML) - Cypress Semiconductor


STK14C88-5 Product details

Functional Description

The Cypress STK14C88-5 is a faststatic RAM with a nonvolatile element in each memory cell. The embedded nonvolatile elements incorporate QuantumTrap technology producing the world’s most reliable nonvolatile memory. The SRAM provides unlimited read and write cycles, while independent, nonvolatile data resides in the highly reliable QuantumTrap cell.



Features

■35 ns and 45 ns access times

■Hands off automatic STORE on power down with external 68µF capacitor

■STORE to QuantumTrap™ nonvolatile elements is initiated by software, hardware, or AutoStore™ on power down

■RECALL to SRAM initiated by software or power up

■Unlimited READ, WRITE, and RECALL cycles

■1,000,000 STORE cycles to QuantumTrap

■100 year data retention to QuantumTrap

■Single 5V+10% operation

■Military temperature

■32-pin (300 mil) CDIP and LCC (450 mil) packages




Similar Part No. - STK14C88-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14C88-5C35M ETC1-STK14C88-5C35M Datasheet
85Kb / 12P
32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5C35M SIMTEK-STK14C88-5C35M Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-5C35M CYPRESS-STK14C88-5C35M Datasheet
932Kb / 20P
32 K x 8 AutoStore nvSRAM Commercial, industrial, military temperatures
logo
List of Unclassifed Man...
STK14C88-5C45M ETC1-STK14C88-5C45M Datasheet
85Kb / 12P
32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
logo
Simtek Corporation
STK14C88-5C45M SIMTEK-STK14C88-5C45M Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
More results


Similar Description - STK14C88-5

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
256-Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88-3 CYPRESS-STK16C88-3 Datasheet
456Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3_11 Datasheet
1Mb / 18P
256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com