Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK14CA8 Datasheet (PDF) - Cypress Semiconductor

STK14CA8 Datasheet PDF - Cypress Semiconductor
Part # STK14CA8
Download  STK14CA8 Download
File Size   505.7 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kx8 AutoStore nvSRAM

STK14CA8 Datasheet (PDF)

Go To PDF Page Download Datasheet
STK14CA8 Datasheet PDF - Cypress Semiconductor

Part # STK14CA8
Download  STK14CA8 Click to download

File Size   505.7 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 128Kx8 AutoStore nvSRAM

STK14CA8 Datasheet (HTML) - Cypress Semiconductor


STK14CA8 Product details

Description

The Cypress STK14CA8 is a 1 Mb fast static RAM with a nonvol atile QuantumTrap™ storage element included with each memory cell. This SRAM provides fast access and cycle times, ease of use, and unlimited read and write endurance of a normal SRAM.



Features

■25, 35, 45 ns Read Access and Read/Write Cycle Time

■Unlimited Read/Write Endurance

■Automatic Nonvolatile STORE on Power Loss

■Nonvolatile STORE Under Hardware or Software Control

■Automatic RECALL to SRAM on Power Up

■Unlimited RECALL Cycles

■200K STORE Cycles

■20-Year Nonvolatile Data Retention

■Single 3.0V + 20%, -10% Operation

■Commercial and Industrial Temperatures

■Small Footprint SOIC and SSOP Packages (RoHS Compliant)




Similar Part No. - STK14CA8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK14CA8 ETC-STK14CA8 Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
128Kx8 Autostore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
528Kb / 21P
128Kx8 Autostore nvSRAM
logo
List of Unclassifed Man...
STK14CA8-N25 ETC-STK14CA8-N25 Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
STK14CA8-N25I ETC-STK14CA8-N25I Datasheet
220Kb / 15P
128K x 8 AutoStoreTM nvSRAM QuantumTrapTM CMOS Nonvolatile Static RAM
More results


Similar Description - STK14CA8

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
128Kx8 Autostore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
128Kx8 Autostore nvSRAM With Real-Time Clock
STK14CA8 SIMTEK-STK14CA8_08 Datasheet
528Kb / 21P
128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com