Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDX53B Datasheet (PDF) - Motorola, Inc

BDX53B Datasheet PDF - Motorola, Inc
Part # BDX53B
Download  BDX53B Download
File Size   169.96 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Plastic Medium-Power Complementary Silicon Transistors

BDX53B Datasheet (PDF)

Go To PDF Page Download Datasheet
BDX53B Datasheet PDF - Motorola, Inc

Part # BDX53B
Download  BDX53B Click to download

File Size   169.96 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Plastic Medium-Power Complementary Silicon Transistors

BDX53B Datasheet (HTML) - Motorola, Inc


BDX53B Product details

BDX53B,BDX53C --> NPN

BDX54B,BDX54C --> PNP



DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80–100 VOLTS 65 WATTS



. . . designed for general–purpose amplifier and low–speed switching applications.

• High DC Current Gain —hFE = 2500 (Typ) @ IC = 4.0 Adc

• Collector Emitter Sustaining Voltage — @ 100 mAdc

VCEO(sus) = 80 Vdc (Min) — BDX53B, 54B

VCEO(sus) = 100 Vdc (Min) — BDX53C, 54C

• Low Collector–Emitter Saturation Voltage —

VCE(sat) = 2.0 Vdc (Max) @ IC = 3.0 Adc

VCE(sat) = 4.0 Vdc (Max) @ IC = 5.0 Adc

• Monolithic Construction with Built–In Base–Emitter Shunt Resistors

• TO–220AB Compact Package




Similar Part No. - BDX53B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX53B MOSPEC-BDX53B Datasheet
187Kb / 4P
POWER TRANSISTORS(8A.,45-100V,60W)
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
logo
Power Innovations Ltd
BDX53B POINN-BDX53B Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Sep-1999
logo
Fairchild Semiconductor
BDX53B FAIRCHILD-BDX53B Datasheet
41Kb / 4P
Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
More results


Similar Description - BDX53B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TIP110 ONSEMI-TIP110 Datasheet
269Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
REV 1
logo
Boca Semiconductor Corp...
TIP110 BOCA-TIP110 Datasheet
153Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040 Datasheet
114Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
April, 2002 ??Rev. 4
BDX53B ONSEMI-BDX53B_06 Datasheet
87Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
February, 2006 ??Rev. 12
logo
New Jersey Semi-Conduct...
MJE2100 NJSEMI-MJE2100 Datasheet
144Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
MJE1090 NJSEMI-MJE1090 Datasheet
143Kb / 3P
PLASTIC MEDIUM-POWER COMPLEMENTARY SILICON TRANSISTORS
logo
ON Semiconductor
2N6040 ONSEMI-2N6040_14 Datasheet
152Kb / 6P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 10
TIP110 ONSEMI-TIP110_14 Datasheet
148Kb / 8P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 8
TIP120 ONSEMI-TIP120_14 Datasheet
144Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 9
BDX53B ONSEMI-BDX53B_14 Datasheet
115Kb / 7P
Plastic Medium-Power Complementary Silicon Transistors
November, 2014 ??Rev. 15
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com