Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6412 Datasheet (PDF) - Linear Technology

LTC6412 Datasheet PDF - Linear Technology
Part # LTC6412
Download  LTC6412 Download
File Size   758.44 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800MHz, 31dB Range Analog-Controlled VGA

LTC6412 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6412 Datasheet PDF - Linear Technology

Part # LTC6412
Download  LTC6412 Click to download

File Size   758.44 Kbytes
Page   24 Pages
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology
Description 800MHz, 31dB Range Analog-Controlled VGA

LTC6412 Datasheet (HTML) - Linear Technology




Similar Part No. - LTC6412

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6412 LINER-LTC6412 Datasheet
3Mb / 28P
16-Bit, 65Msps/40Msps/25Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
1,020Kb / 36P
12-Bit, 125Msps/105Msps/ 80Msps Low Power Dual ADCs
LTC6412 LINER-LTC6412 Datasheet
355Kb / 20P
Dual 600MHz to 1.7GHz High Dynamic Range Downconverting Mixer
LTC6412 LINER-LTC6412 Datasheet
455Kb / 36P
14-Bit, 125Msps/105Msps/ 80Msps Low Power Octal ADCs
LTC6412 LINER-LTC6412 Datasheet
644Kb / 34P
Dual 14-Bit 250Msps
More results


Similar Description - LTC6412

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMCORE-T6032 ETC2-EMCORE-T6032 Datasheet
94Kb / 1P
Transmeta Crusoe 800MHz 3.5" Miniboard with VGA/LCD, LAN, USB, PCMCIA
logo
Maxim Integrated Produc...
MAX2065 MAXIM-MAX2065 Datasheet
872Kb / 27P
50MHz to 1000MHz High-Linearity, Serial/ Parallel-Controlled Analog/Digital VGA
Rev 0; 3/08
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
logo
Linear Technology
LTC6412 LINER-LTC6412_15 Datasheet
498Kb / 24P
800MHz, 31dB Range Analog-Controlled VGA
LT5504 LINER-LT5504 Datasheet
189Kb / 8P
RF Frequency Range: 800MHz to 2.7GHz
logo
Analog Devices
ADL5331 AD-ADL5331_17 Datasheet
693Kb / 15P
VGA with Gain Control Range
10/2017-Rev. 0 to Rev. A
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
Wide Dynamic Range, High Speed, Digitally Controlled VGA
1/15-Rev. B to Rev. C
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
Wide Dynamic Range, High Speed Digitally Controlled VGA
1/2017-Rev. C to Rev. D
logo
Maxim Integrated Produc...
MAX2062 MAXIM-MAX2062 Datasheet
3Mb / 24P
Dual 50MHz to 1000MHz High-Linearity, Serial/Parallel-Controlled Analog/Digital VGA
Rev 2; 8/15
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
More results




About Linear Technology


Linear Technology was a publicly traded company that designed, manufactured, and marketed a wide range of analog integrated circuits (ICs) for applications in industrial, automotive, communications, and computing industries.
The company was founded in 1981 and was headquartered in Milpitas, California.
Linear Technology was acquired by Analog Devices, Inc. in 2017.
Linear Technology was known for its high-performance analog ICs, including amplifiers, voltage regulators, data converters, power management ICs, and interface products.
The company's products were designed for use in a variety of applications, including automotive, industrial, and energy management systems, among others.
With a focus on innovation and customer satisfaction, Linear Technology was committed to providing its customers with high-quality, reliable solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com