Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1556 Datasheet (PDF) - Quanzhou Jinmei Electronic Co.,Ltd.

2SD1556 Datasheet PDF - Quanzhou Jinmei Electronic Co.,Ltd.
Part # 2SD1556
Download  2SD1556 Download
File Size   81.57 Kbytes
Page   3 Pages
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.
Description Silicon NPN Power Transistors

2SD1556 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1556 Datasheet PDF - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SD1556
Download  2SD1556 Click to download

File Size   81.57 Kbytes
Page   3 Pages
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.
Description Silicon NPN Power Transistors

2SD1556 Datasheet (HTML) - Quanzhou Jinmei Electronic Co.,Ltd.


2SD1556 Product details

DESCRIPTION
· With TO-3P(H)IS package
· Built-in damper diode
· High voltage ,high speed
· Low collector saturation voltage

APPLICATIONS
· For color TV horizontal output applications

VCBO Collector-base voltage Open emitter 1500 V
VCEO Collector-emitter voltage Open base 600
VEBO Emitter-base voltage Open collector 5 V
IC Collector current 6 A
IB Base current 3 A




Similar Part No. - 2SD1556

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1556 WINGS-2SD1556 Datasheet
69Kb / 1P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR(COLOR TV HORIZONTAL OUTPUT APPLICATIONS)
logo
List of Unclassifed Man...
2SD1556 ETC1-2SD1556 Datasheet
137Kb / 1P
TO-39(H) PACKAGE SERIES
logo
Savantic, Inc.
2SD1556 SAVANTIC-2SD1556 Datasheet
238Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1556 ISC-2SD1556 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1556 SAVANTIC-2SD1556 Datasheet
245Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SD1556

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com