Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIL197B Datasheet (PDF) - ISOCOM COMPONENTS

TIL197B Datasheet PDF - ISOCOM COMPONENTS
Part # TIL197B
Download  TIL197B Download
File Size   1292.58 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS

TIL197B Datasheet (PDF)

Go To PDF Page Download Datasheet
TIL197B Datasheet PDF - ISOCOM COMPONENTS

Part # TIL197B
Download  TIL197B Click to download

File Size   1292.58 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS

TIL197B Datasheet (HTML) - ISOCOM COMPONENTS


TIL197B Product details

DESCRIPTION
The TIL197, TIL198, TIL199 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo darlingtons in space efficient dual in line plastic packages. The standard parts TIL197, TIL198, TIL199 are tested for a CTR of 500% minimum. Parts with the suffix A or B are tested for a CTR of 1000 and 1500% minimum respectively.

FEATURES
● Options :-
    10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
● High Current Transfer Ratio (500%min)
● High Isolation Voltage (5.3kVRMS ,7.5kVPK )
● All electrical parameters 100% tested
● Custom electrical selections available

APPLICATIONS
● Computer terminals
● Industrial systems controllers
● Measuring instruments
● Signal transmission between systems of different potentials and impedances




Similar Part No. - TIL197B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIL197B ETC-TIL197B Datasheet
67Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
More results


Similar Description - TIL197B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP521GB ETC-TLP521GB Datasheet
74Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
TIL197 ETC-TIL197 Datasheet
67Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP621-1 ETC-ISP621-1 Datasheet
78Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
ISP815X ISOCOM-ISP815X Datasheet
69Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
PS2502-1X ISOCOM-PS2502-1X Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
TLP521GB ISOCOM-TLP521GB Datasheet
1Mb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP321-1X ISOCOM-ISP321-1X_08 Datasheet
91Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP817 ISOCOM-ISP817_11 Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
ISP815XSM ISOCOM-ISP815XSM Datasheet
87Kb / 3P
HIGH DENSITY MOUNTING PHOTODARLINGTON OPTICALLY COUPLED ISOLATORS
ISP817BXSMT-R ISOCOM-ISP817BXSMT-R Datasheet
82Kb / 3P
HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com