Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP624 Datasheet (PDF) - ISOCOM COMPONENTS

TLP624 Datasheet PDF - ISOCOM COMPONENTS
Part # TLP624
Download  TLP624 Download
File Size   752.09 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP624 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP624 Datasheet PDF - ISOCOM COMPONENTS

Part # TLP624
Download  TLP624 Click to download

File Size   752.09 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS

TLP624 Datasheet (HTML) - ISOCOM COMPONENTS


TLP624 Product details

DESCRIPTION
The TLP624, TLP624-2, TLP624-4 series of optically coupled isolators consist of infrared light emitting diodes and NPN silicon photo transistors in space efficient dual in line plastic packages.

FEATURES
l Options :-10mm lead spread - add G after part no.
    Surface mount - add SM after part no.
    Tape&reel - add SMT&R after part no.
l High Current Transfer Ratio ( 50% min)
l High Isolation Voltage (5.3kVRMS ,7.5kVPK)
l High BVCEO ( 55Vmin )
l All electrical parameters 100% tested
l Low Input Current 0.5mA IF

APPLICATIONS
l Computer terminals
l Industrial systems controllers
l Measuring instruments
l Signal transmission between systems of different potentials and impedances




Similar Part No. - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLP624 ETC-TLP624 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
Programmable Controllers
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624 TOSHIBA-TLP624 Datasheet
210Kb / 8P
Programmable Controllers AC/DC?묲nput Module Telecommunication
logo
List of Unclassifed Man...
TLP624-2 ETC-TLP624-2 Datasheet
63Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results


Similar Description - TLP624

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFH628-2X ETC-SFH628-2X Datasheet
48Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ETC-SFH617G-1X Datasheet
49Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2 ETC-SFH617A-2 Datasheet
50Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
logo
ISOCOM COMPONENTS
IS204X ISOCOM-IS204X Datasheet
79Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617G-1X ISOCOM-SFH617G-1X Datasheet
260Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-1 ISOCOM-SFH617A-1_08 Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH628A-2 ISOCOM-SFH628A-2 Datasheet
77Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2X ISOCOM-SFH615A-2X Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH615A-2XSMT-R ISOCOM-SFH615A-2XSMT-R Datasheet
126Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
SFH617A-2XSM ISOCOM-SFH617A-2XSM Datasheet
69Kb / 3P
LOW INPUT CURRENT PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com