Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX010 Datasheet (PDF) - Extech Instruments Corporation.

EX010 Datasheet PDF - Extech Instruments Corporation.
Part # EX010
Download  EX010 Download
File Size   190.93 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description ExStik II DO/pH/Conductivity Kit

EX010 Datasheet (PDF)

Go To PDF Page Download Datasheet
EX010 Datasheet PDF - Extech Instruments Corporation.

Part # EX010
Download  EX010 Click to download

File Size   190.93 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description ExStik II DO/pH/Conductivity Kit

EX010 Datasheet (HTML) - Extech Instruments Corporation.


EX010 Product details

ExStik® Waterproof Refillable pH Meter
Features flat surface electrode, RENEW and CALibration alerts, memory, and bargraph
Indicator tells you it’s time to replace your electrode and eliminates guesswork

Features:
✓ Refillable pH electrode is easily serviced. Fresh reference
   solution maintains high accuracy. Eliminates concern with
   shelf life.
✓ Flat Surface Electrode measures pH in liquids, semi-solids, and
   solids. No more electrode breakage or clogged junctions.
✓ CAL alerts tells you it’s time to recalibrate. Ensures accuracy.
✓ Memory records and recalls 15 sequentially tagged readings.
   Allows detection of changes over time.
• Analog bargraph displayed on LCD.
   Shows trends in acidity or alkalinity.
• 1, 2 or 3 point calibration automatically recognizes buffer
   solutions. Order pH buffers separately.
• Automatic Temperature Compensation
• Simultaneous display of pH and Temperature
• Waterproof to IP57 standard
• Display indicates when the reading is stabilized
• Data Hold, Auto power off and low battery indication
• Waterproof design floats in water and
   protects the meter in wet environment
• Interchangeable probes available for Chlorine & ORP
• Optional weighted base (EX006) holds plastic cup and
   ExStik® meter
• Complete with refillable flat surface pH electrode, 1.5mL bottle
   KCI, 2 reference junctions, 2 removal tools, protective sensor
   cap, sample cup with cap, four 3V CR-2032 button batteries,
   and 48" (1.2m) neckstrap. Order pH buffers separately




Similar Part No. - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX010 EXTECH-EX010 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
EX010 EXTECH-EX010 Datasheet
212Kb / 1P
ExStik Extension Cable w/Probe Guard/Weight
More results


Similar Description - EX010

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
341350-P EXTECH-341350-P Datasheet
219Kb / 1P
pH/Conductivity Meter with TDS
EC410 EXTECH-EC410 Datasheet
183Kb / 1P
ExStik II Conductivity Kit
EC500 EXTECH-EC500 Datasheet
187Kb / 14P
pH/Conductivity / TDS / Salinity / Temperature Meter
PH100 EXTECH-PH100 Datasheet
149Kb / 8P
ExStik pH Waterproof Meters
PH150-C EXTECH-PH150-C Datasheet
234Kb / 1P
ExStik짰 Concrete pH Kit
PH300 EXTECH-PH300 Datasheet
216Kb / 1P
Waterproof pH/mV/Temperature Kit
341350A-P EXTECH-341350A-P Datasheet
206Kb / 1P
pH/Conductivity/TDS/ORP/Salinity Meter
DO610 EXTECH-DO610_15 Datasheet
190Kb / 1P
ExStik짰 II DO/pH/Conductivity Kit
EC500 EXTECH-EC500_15 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
EC510 EXTECH-EC510 Datasheet
214Kb / 1P
Waterproof ExStik짰 II pH/Conductivity Meter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com