Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX006 Datasheet (PDF) - Extech Instruments Corporation.

EX006 Datasheet PDF - Extech Instruments Corporation.
Part # EX006
Download  EX006 Download
File Size   37.0 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Weighted Base & Solution Cups

EX006 Datasheet (PDF)

Go To PDF Page Download Datasheet
EX006 Datasheet PDF - Extech Instruments Corporation.

Part # EX006
Download  EX006 Click to download

File Size   37.0 Kbytes
Page   1 Pages
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.
Description Weighted Base & Solution Cups

EX006 Datasheet (HTML) - Extech Instruments Corporation.


EX006 Product details

ExStik® Waterproof Refillable pH Meter
Features flat surface electrode, RENEW and CALibration alerts, memory, and bargraph
Indicator tells you it’s time to replace your electrode and eliminates guesswork

Features:
✓ Refillable pH electrode is easily serviced. Fresh reference
   solution maintains high accuracy. Eliminates concern with
   shelf life.
✓ Flat Surface Electrode measures pH in liquids, semi-solids, and
   solids. No more electrode breakage or clogged junctions.
✓ CAL alerts tells you it’s time to recalibrate. Ensures accuracy.
✓ Memory records and recalls 15 sequentially tagged readings.
   Allows detection of changes over time.
• Analog bargraph displayed on LCD.
   Shows trends in acidity or alkalinity.
• 1, 2 or 3 point calibration automatically recognizes buffer
   solutions. Order pH buffers separately.
• Automatic Temperature Compensation
• Simultaneous display of pH and Temperature
• Waterproof to IP57 standard
• Display indicates when the reading is stabilized
• Data Hold, Auto power off and low battery indication
• Waterproof design floats in water and
   protects the meter in wet environment
• Interchangeable probes available for Chlorine & ORP
• Optional weighted base (EX006) holds plastic cup and
   ExStik® meter
• Complete with refillable flat surface pH electrode, 1.5mL bottle
   KCI, 2 reference junctions, 2 removal tools, protective sensor
   cap, sample cup with cap, four 3V CR-2032 button batteries,
   and 48" (1.2m) neckstrap. Order pH buffers separately




Similar Part No. - EX006

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
EX006T KNIGHTSBRIDGE-EX006T Datasheet
295Kb / 1P
100mm/4 inch LED Backlit Extractor Fan with Overrun Timer
17/04/2024
More results


Similar Description - EX006

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
171-001 GLENAIR-171-001 Datasheet
607Kb / 2P
Single Row Strips with Solder Cups
logo
Virginia Panel Corporat...
I2MI VPC-I2MI Datasheet
1Mb / 4P
Hybrid Solution
logo
List of Unclassifed Man...
014A ETC2-014A Datasheet
374Kb / 2P
Aluminum or Lexan cups available
logo
Skyworks Solutions Inc.
AS186-302LF SKYWORKS-AS186-302LF_15 Datasheet
652Kb / 7P
Three-switch solution for base station synthesizer switch
logo
TXC Corporation.
BC-SERIES TXC-BC-SERIES Datasheet
963Kb / 1P
PLL solution.
BS-SERIES TXC-BS-SERIES Datasheet
976Kb / 1P
SAW base solution.
BT-SERIES TXC-BT-SERIES Datasheet
972Kb / 1P
SAW base solution.
CE-SERIES TXC-CE-SERIES Datasheet
930Kb / 1P
Fundamental solution.
CT-SERIES TXC-CT-SERIES Datasheet
936Kb / 1P
SAW base solution.
logo
Aven, Inc.
26700-220-559WB AVEN-26700-220-559WB Datasheet
1Mb / 2P
All-In-One Digital Microscope w/Spring Balanced Arm & Weighted Base
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com