Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

380SMD100 Datasheet (PDF) - Roithner LaserTechnik GmbH

380SMD100 Datasheet PDF - Roithner LaserTechnik GmbH
Part # 380SMD100
Download  380SMD100 Download
File Size   130.27 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description 3.0 x 2.2 x 1.5 mm쨀 TOP LED

380SMD100 Datasheet (PDF)

Go To PDF Page Download Datasheet
380SMD100 Datasheet PDF - Roithner LaserTechnik GmbH

Part # 380SMD100
Download  380SMD100 Click to download

File Size   130.27 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description 3.0 x 2.2 x 1.5 mm쨀 TOP LED

380SMD100 Datasheet (HTML) - Roithner LaserTechnik GmbH




Similar Part No. - 380SMD100

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
380SM018B08 GLENAIR-380SM018B08 Datasheet
84Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B10 GLENAIR-380SM018B10 Datasheet
84Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B12 GLENAIR-380SM018B12 Datasheet
84Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B14 GLENAIR-380SM018B14 Datasheet
84Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
380SM018B16 GLENAIR-380SM018B16 Datasheet
84Kb / 2P
EMI/RFI Non-Environmental Backshell with Strain Relief
More results


Similar Description - 380SMD100

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
BG1102W STANLEY-BG1102W Datasheet
679Kb / 21P
Outer Dimension 3.0 x 1.5 x 1.5mm
logo
Kingbright Corporation
APL3015ZGCK-F01 KINGBRIGHT-APL3015ZGCK-F01 Datasheet
287Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015ZGC TO-GRACE-KPL-3015ZGC Datasheet
814Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015YC TO-GRACE-KPL-3015YC Datasheet
860Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SYCK TO-GRACE-KPL-3015SYCK Datasheet
819Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SECK TO-GRACE-KPL-3015SECK Datasheet
867Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015QBC-D TO-GRACE-KPL-3015QBC-D Datasheet
866Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015EC TO-GRACE-KPL-3015EC Datasheet
867Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015CGCK TO-GRACE-KPL-3015CGCK Datasheet
876Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
Bel Fuse Inc.
MBC300 BEL-MBC300 Datasheet
929Kb / 7P
5.0 x 3.0 x 1.5 in (127.0 x 76.2 x 38.1 mm)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com