Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T15N1M16A Datasheet (PDF) - Taiwan Memory Technology

T15N1M16A Datasheet PDF - Taiwan Memory Technology
Part # T15N1M16A
Download  T15N1M16A Download
File Size   102.61 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K X 16 LOW POWER CMOS STATIC RAM?

T15N1M16A Datasheet (PDF)

Go To PDF Page Download Datasheet
T15N1M16A Datasheet PDF - Taiwan Memory Technology

Part # T15N1M16A
Download  T15N1M16A Click to download

File Size   102.61 Kbytes
Page   13 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 64K X 16 LOW POWER CMOS STATIC RAM?

T15N1M16A Datasheet (HTML) - Taiwan Memory Technology


T15N1M16A Product details

GENERAL DESCRIPTION
The T15N1M16A is a low power CMOS Static RAM organized as 65,536 words by 16 bits. That operates on a wide voltage range from +2.4 to 3.6V power supply, Fabricated using high performance CMOS technology, Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. Data retention is guaranteed at a power supply voltage as low as 1.5V.

FEATURES
• Fast access time : 55/70/100 ns
• Single +2.4 to 3.6V Power Supply
• Low power supply current :
    - Operating :30mA(max)
    - Standby : 10uA
• TTL compatible , Tri-state output
• Common I/O capability
• Automatic power-down when deselected
• Full static operation, no clock or refresh required
• Available packages type :
    - 44-PIN SOJ (400 mil)
    - 44-PIN TSOP-II (400 mil)
    - 48-PIN CSP
• Operating temperature :
    - 0 ~ +70 °C
    - -40 ~ +85 °C




Similar Part No. - T15N1M16A

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
T15N1 EDAL-T15N1 Datasheet
83Kb / 1P
T10A1
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100C TMT-T15N1024A-100C Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100CI TMT-T15N1024A-100CI Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
T15N1024A-100P TMT-T15N1024A-100P Datasheet
91Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
More results


Similar Description - T15N1M16A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021 CYPRESS-CY7C1021 Datasheet
181Kb / 9P
64K x 16 Static RAM
August 24, 2001
CY7C1021CV33 CYPRESS-CY7C1021CV33 Datasheet
231Kb / 12P
64K x 16 Static RAM
October 30, 2002
CY62126BV CYPRESS-CY62126BV Datasheet
188Kb / 9P
64K x 16 Static RAM
CY62127BV CYPRESS-CY62127BV Datasheet
264Kb / 11P
64K x 16 Static RAM
logo
Weida Semiconductor, In...
WCFS1016C1C WEIDA-WCFS1016C1C Datasheet
185Kb / 9P
64K x 16 Static RAM
WCMA1016U4X WEIDA-WCMA1016U4X Datasheet
308Kb / 11P
64K x 16 Static RAM
logo
Integrated Silicon Solu...
IS62U6416LL ISSI-IS62U6416LL Datasheet
82Kb / 9P
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
IS62WV6416ALL ISSI-IS62WV6416ALL Datasheet
111Kb / 17P
64K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Cypress Semiconductor
CY7C1021BNV33 CYPRESS-CY7C1021BNV33 Datasheet
534Kb / 10P
64K x 16 Static RAM
CY7C1021BNV33 CYPRESS-CY7C1021BNV33_09 Datasheet
521Kb / 10P
64K x 16 Static RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com