Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

383-2UBGC Datasheet (PDF) - Roithner LaserTechnik GmbH

383-2UBGC Datasheet PDF - Roithner LaserTechnik GmbH
Part # 383-2UBGC
Download  383-2UBGC Download
File Size   214.51 Kbytes
Page   4 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description T-1 3/4(5mm) High Intensity LEDs

383-2UBGC Datasheet (PDF)

Go To PDF Page Download Datasheet
383-2UBGC Datasheet PDF - Roithner LaserTechnik GmbH

Part # 383-2UBGC
Download  383-2UBGC Click to download

File Size   214.51 Kbytes
Page   4 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description T-1 3/4(5mm) High Intensity LEDs

383-2UBGC Datasheet (HTML) - Roithner LaserTechnik GmbH




Similar Part No. - 383-2UBGC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
383-2UBGC-S400-A5 EVERLIGHT-383-2UBGC-S400-A5 Datasheet
127Kb / 7P
5.0mm Round Type LED Lamps
383-2UBGC-S400-A6 EVERLIGHT-383-2UBGC-S400-A6 Datasheet
126Kb / 7P
5.0mm Round Type LED Lamps
383-2UBGC/S400-A5 EVERLIGHT-383-2UBGC/S400-A5 Datasheet
127Kb / 7P
5.0mm Round Type LED Lamps
383-2UBGC/S400-A6 EVERLIGHT-383-2UBGC/S400-A6 Datasheet
126Kb / 7P
5.0mm Round Type LED Lamps
More results


Similar Description - 383-2UBGC

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Everlight Electronics C...
DLE-038-159 EVERLIGHT-DLE-038-159 Datasheet
98Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
Roithner LaserTechnik G...
333-2UBC ROITHNER-333-2UBC Datasheet
217Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-1 ROITHNER-383URC-1 Datasheet
77Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-2 ROITHNER-383URC-2 Datasheet
218Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
T-1 3/4(5mm) High Intensity LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3519 AVAGO-HLMP-3519 Datasheet
326Kb / 10P
T-1 3/4 (5mm) High Intensity LED Lamps
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
4311 VCC-4311 Datasheet
79Kb / 1P
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com