Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T15V2M16B Datasheet (PDF) - Taiwan Memory Technology

T15V2M16B Datasheet PDF - Taiwan Memory Technology
Part # T15V2M16B
Download  T15V2M16B Download
File Size   93.36 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 16 LOW POWER CMOS STATIC RAM?

T15V2M16B Datasheet (PDF)

Go To PDF Page Download Datasheet
T15V2M16B Datasheet PDF - Taiwan Memory Technology

Part # T15V2M16B
Download  T15V2M16B Click to download

File Size   93.36 Kbytes
Page   12 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 128K X 16 LOW POWER CMOS STATIC RAM?

T15V2M16B Datasheet (HTML) - Taiwan Memory Technology


T15V2M16B Product details

GENERAL DESCRIPTION
The T15V2M16B is a very Low Power CMOS Static RAM organized as 131,072 words by 16 bits . This device is fabricated by high performance CMOS technology. It can be operated under wide power supply voltage range from +2.7V to +3.6V.
The T15V2M16B inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures. Data retention is guaranteed at a power supply voltage as low as 2V.

FEATURES
• Access time : 45/55/70/100 ns
• Low-power consumption
    - Active: 5mA (ICC1)
    - Stand-by: (CMOS input/output)
        Max.. 15 uA for 55/70/100ns
        Max.. 40 uA for 45ns
• Equal access and cycle time
• Single +2.7V to 3.6V Power Supply
• TTL compatible , Tri-state output
• Common I/O capability
• Automatic power-down when deselected
• Available in 44-PIN TSOP-II and 48-pin CSP packages
• Operating temperature :
    - -10 ~ +70 °C
    - -40 ~ +85 °C




Similar Part No. - T15V2M16B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V2M08A TMT-T15V2M08A Datasheet
83Kb / 12P
256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-100C TMT-T15V2M08A-100C Datasheet
83Kb / 12P
256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-55H TMT-T15V2M08A-55H Datasheet
83Kb / 12P
256K X 8 LOW POWER CMOS STATIC RAM
T15V2M08A-70P TMT-T15V2M08A-70P Datasheet
83Kb / 12P
256K X 8 LOW POWER CMOS STATIC RAM
More results


Similar Description - T15V2M16B

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
128K x 16 CMOS STATIC RAM
IS62WV12816ALL ISSI-IS62WV12816ALL Datasheet
112Kb / 17P
128K x 16 LOW VOLTAGE ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62LV12816L ICSI-IC62LV12816L Datasheet
139Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816L ICSI-IS62LV12816L Datasheet
462Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65WV12816ALL ISSI-IS65WV12816ALL Datasheet
133Kb / 19P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
IS62LV12816BLL ISSI-IS62LV12816BLL Datasheet
94Kb / 10P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
LOW POWER 128K x 8 CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62WV12816DALL ISSI-IS62WV12816DALL Datasheet
429Kb / 17P
128K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com