Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T431616A Datasheet (PDF) - Taiwan Memory Technology

T431616A Datasheet PDF - Taiwan Memory Technology
Part # T431616A
Download  T431616A Download
File Size   1614.87 Kbytes
Page   31 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1M x 16 SDRAM????

T431616A Datasheet (PDF)

Go To PDF Page Download Datasheet
T431616A Datasheet PDF - Taiwan Memory Technology

Part # T431616A
Download  T431616A Click to download

File Size   1614.87 Kbytes
Page   31 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 1M x 16 SDRAM????

T431616A Datasheet (HTML) - Taiwan Memory Technology


T431616A Product details

GRNERAL DESCRIPTION
The T431616A is 16,777,216 bits synchronous high data rate Dynamic RAM organized as 2 x 524,288 words by 16 bits , fabricated with high performance CMOS technology . Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle . Range of operating frequencies , programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth , high performance memory system applications.

FEATURES
• 3.3V power supply
• Clock cycle time : 6 / 7 / 8 / 10 ns
• Dual banks operation
• LVTTL compatible with multiplexed address
• All inputs are sampled at the positive going edge of system clock
• Burst Read Single-bit Write operation
• DQM for masking
• Auto refresh and self refresh
• 32ms refresh period (2K cycle)
• MRS cycle with address key programs
    - CAS Latency ( 2 & 3 )
    - Burst Length ( 1 , 2 , 4 , 8 & full page)
    - Burst Type (Sequential & Interleave)
• Available package type in 50 pin TSOP(II) and 60-pin CSP.
• Operating temperature :
    - -5 ~ +70 °C
    - -40 ~ +85 °C




Similar Part No. - T431616A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T431616B TMT-T431616B Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-10C TMT-T431616B-10C Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-10S TMT-T431616B-10S Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-20C TMT-T431616B-20C Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
T431616B-20S TMT-T431616B-20S Datasheet
567Kb / 31P
1M x 16 SDRAM 512K x 16bit x 2Banks Synchronous DRAM
More results


Similar Description - T431616A

ManufacturerPart #DatasheetDescription
logo
Winbond
W986416CH WINBOND-W986416CH Datasheet
2Mb / 42P
1M x 16 BIT x 4 BANKS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
1M x 4 BANKS x 16 BITS SDRAM
logo
Samsung semiconductor
K4S161622E SAMSUNG-K4S161622E Datasheet
675Kb / 42P
1M x 16 SDRAM
logo
Winbond
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
1M X 4 BANKS X 16 BITS SDRAM
logo
Samsung semiconductor
DS_K4S161622D SAMSUNG-DS_K4S161622D Datasheet
680Kb / 43P
1M x 16 SDRAM
logo
Winbond
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
1M x 4 BANKS x 16 BITS SDRAM
W9864G6JT WINBOND-W9864G6JT_13 Datasheet
867Kb / 42P
1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
1M X 4 BANKS X 16 BITS SDRAM
W9864G6KH WINBOND-W9864G6KH Datasheet
705Kb / 42P
1M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
1M X 4 BANKS X 16 BITS SDRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com