Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1018 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT1018 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT1018
Download  SPT1018 Download
File Size   552.27 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 18-BIT, HIGH SPEED D/A CONVERTER

SPT1018 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT1018 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT1018
Download  SPT1018 Click to download

File Size   552.27 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 18-BIT, HIGH SPEED D/A CONVERTER

SPT1018 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT1018 Product details

GENERAL DESCRIPTION
The SPT1018 is a monolithic 8-bit digital-to-analog converter capable of accepting video data at a 165 or 275 MWPS rate. Complete with video controls (Sync, Blank, Reference White [Force High], Bright), the SPT1018 directly drives doubly-terminated 50 or 75 ohm loads to standard composite video levels. The standard set-up level is 7.5 IRE. The SPT1018 is pin-compatible with the HDAC10180 and the TDC1018, with improved performance. The SPT1018 contains data and control input registers, video control logic, reference buffer, and current switches.

FEATURES
• 275 MWPS Conversion Rate - Version A
• 165 MWPS Conversion Rate - Version B
• Compatible with TDC1018 and HDAC10180 with Improved Performance
• RS-343-A Compatible
• Complete Video Controls: Sync, Blank, Bright and Reference White (Force High)
• 10KH, 100K ECL Compatible
• Single Power Supply
• Registered Data and Video Controls
• Differential Current Outputs
• ESD Protected Data and Control Inputs

APPLICATIONS
• High Resolution Color or Monochrome Raster Graphics Displays
• Medical Electronics: CAT, PET, MR Imaging Displays
• CAD/CAE Workstations
• Solids Modeling
• General Purpose High-Speed D/A Conversion
• Digital Synthesizers
• Automated Test Equipment
• Digital Transmitters/Modulators




Similar Part No. - SPT1018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
More results


Similar Description - SPT1018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
High Speed 6-Bit A/D Converter
REV.A
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
High Speed 12 Bit A/D Converter
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
HIGH SPEED 6 BIT A/D CONVERTER
REV. A
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com