Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P232WD4DP1 Datasheet (PDF) - PREMO CORPORATION S.L

P232WD4DP1 Datasheet PDF - PREMO CORPORATION S.L
Part # P232WD4DP1
Download  P232WD4DP1 Download
File Size   107.05 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description Third generation of planar transformers

P232WD4DP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
P232WD4DP1 Datasheet PDF - PREMO CORPORATION S.L

Part # P232WD4DP1
Download  P232WD4DP1 Click to download

File Size   107.05 Kbytes
Page   1 Pages
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L
Description Third generation of planar transformers

P232WD4DP1 Datasheet (HTML) - PREMO CORPORATION S.L


P232WD4DP1 Product details

Features
- High power planar transformer for AC/DC SMPS.
- According UL1950 / EN60950.
- UL 94V0 material.
- Storage temperature -20°C to 130°C
- Operating temperature -20°C to 85°C
- Power up to 300W.




Similar Part No. - P232WD4DP1

ManufacturerPart #DatasheetDescription
logo
NEC
P232W-BK NEC-P232W-BK Datasheet
980Kb / 2P
NEC LCD 23" Professional Desktop Display
More results


Similar Description - P232WD4DP1

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
P018PP1CS1 PREMO-P018PP1CS1 Datasheet
222Kb / 2P
Third generation of planar transformers
P032PP1CP1 PREMO-P032PP1CP1 Datasheet
114Kb / 1P
Third generation of planar transformers
P038PP1CP1 PREMO-P038PP1CP1 Datasheet
110Kb / 1P
Third generation of planar transformers
P022FW1CX1 PREMO-P022FW1CX1 Datasheet
125Kb / 1P
Third generation of planar transformers
P058PP1CP1 PREMO-P058PP1CP1 Datasheet
106Kb / 1P
Third generation of planar transformers
P043FB1CP1 PREMO-P043FB1CP1 Datasheet
113Kb / 1P
Third generation of planar transformers
P064PP3CP1 PREMO-P064PP3CP1 Datasheet
105Kb / 1P
Third generation of planar transformers
P215FK3DX1 PREMO-P215FK3DX1 Datasheet
126Kb / 1P
Third generation of planar transformers
P222WD3DX1 PREMO-P222WD3DX1 Datasheet
121Kb / 1P
Third generation of planar transformers
P264FB4DP PREMO-P264FB4DP Datasheet
128Kb / 1P
Third generation of planar transformers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com