Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT1019AIN Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT1019AIN Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT1019AIN
Download  SPT1019AIN Download
File Size   4633.8 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, HIGH SPEED D/A CONVERTER

SPT1019AIN Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT1019AIN Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT1019AIN
Download  SPT1019AIN Click to download

File Size   4633.8 Kbytes
Page   12 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, HIGH SPEED D/A CONVERTER

SPT1019AIN Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT1019AIN Product details

GENERAL DESCRIPTION
The SPT1019 is a monolithic 8-bit digital-to-analog converter capable of accepting video data at a 165 or 275 MWPS rate. Complete with video controls (Sync, Blank, Reference White [Force High], Bright), the SPT1019 directly drives doublyterminated 50 or 75 ohm loads to standard composite video levels. The standard setup level is 7.5 IRE. The SPT1019 is pin-compatible with the HDAC10181 with improved performance. The SPT1019 contains data and control input registers, video control logic, reference buffer, and current switches.
The SPT1019 is available in a 24-lead PDIP package in the industrial temperature range. Contact the factory for military temperature and /883 versions.

FEATURES
• 275 MWPS Conversion Rate - Version A
• 165 MWPS Conversion Rate - Version B
• Compatible with the HDAC10181 with Improved Performance
• RS-343-A Compatible
• Complete Video Controls: Sync, Blank, Bright and Reference White (Force High)
• 10KH, 100K ECL Compatible
• Single Power Supply
• Registered Data and Video Controls
• Differential Current Outputs
• Stable On-Chip Bandgap Reference
• ESD Protected Data and Control Inputs

APPLICATIONS
• High Resolution Color or Monochrome Raster Graphics Displays
• Medical Electronics: CAT, PET, MR Imaging Displays
• CAD/CAE Workstations
• Solids Modeling
• General Purpose High-Speed D/A Conversion
• Digital Synthesizers
• Automated Test Equipment
• Digital Transmitters/Modulators




Similar Part No. - SPT1019AIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1019AIN ETC2-SPT1019AIN Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
More results


Similar Description - SPT1019AIN

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
AD9012 AD-AD9012 Datasheet
141Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV.D
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
High-speed 8-bit D/A Converter
logo
List of Unclassifed Man...
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
8-BIT, HIGH SPEED D/A CONVERTER
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
High-speed 8-bit D/A Converter
logo
Analog Devices
AD9002 AD-AD9002_15 Datasheet
645Kb / 8P
High Speed 8-Bit Monolithic A/D Converter
REV. G
AD9012 AD-AD9012_15 Datasheet
263Kb / 8P
High Speed 8-Bit TTL A/D Converter
REV. F
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
8-Bit, High Speed, Multiplying D/A Converter
3/16-Rev. C to Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com