Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7610 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7610 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7610
Download  SPT7610 Download
File Size   193.38 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 6-BIT, 1 GSPS FLASH A/D CONVERTER

SPT7610 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7610 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7610
Download  SPT7610 Click to download

File Size   193.38 Kbytes
Page   10 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 6-BIT, 1 GSPS FLASH A/D CONVERTER

SPT7610 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7610 Product details

GENERAL DESCRIPTION
The SPT7610 is a full parallel (flash) analog-to-digital converter capable of digitizing full-scale (0 to –1 V) inputs into six-bit digital words at an update rate of 1 GSPS. The ECL-compatible outputs are demultiplexed into two separate output banks, each with differential data-ready outputs to ease the task of data capture.The SPT7610’s wide input bandwidth and low capacitance eliminate the need for external track-and-hold amplifiers for most applications. A proprietary decoding scheme reduces metastable errors to the 1 LSB level. The SPT7610 operates from a single –5.2 V supply, with a nominal power dissipation of 2.75 W.

FEATURES
• 1:2 demuxed ECL-compatible outputs
• 1.0 GSPS conversion rate
• Wide input bandwidth: 1.4 GHz
• Low input capacitance: 8 pF
• Metastable errors reduced to 1 LSB
• Monolithic construction
• Binary/Two’s complement output

APPLICATIONS
• Radar, EW, ECM
• Direct RF down-conversion
• Microwave modems
• Industrial ultrasound
• Transient capture
• Test and measurement




Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ FAIRCHILD-SPT7610SIQ Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
6-BIT FLASH A/D CONVERTER
logo
Sony Corporation
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
6-bit 140MSPS Flash A/D Converter
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
6-bit 140MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com