Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7755 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7755 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7755
Download  SPT7755 Download
File Size   314.64 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 750 MSPS, FLASH A/D CONVERTER

SPT7755 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7755 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7755
Download  SPT7755 Click to download

File Size   314.64 Kbytes
Page   8 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 750 MSPS, FLASH A/D CONVERTER

SPT7755 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7755 Product details

GENERAL DESCRIPTION
The SPT7755 is a full parallel (flash) analog-to-digital converter capable of digitizing full scale (0 to –2 V) inputs into eight-bit digital words at an update rate of 750 MSPS.The ECL-compatible outputs are demultiplexed into two separate output banks, each with differential data ready outputs to ease the task of data capture.The SPT7755’s wide input bandwidth and low capacitance eliminate the need for external track-and-hold amplifiers for most applications. A proprietary decoding scheme reduces metastable errors to the 1 LSB level. The SPT7755 operates from a single – 5.2 V supply, with a nominal power dissipation of 5.5 W.

FEATURES
• 1:2 Demuxed ECL compatible outputs
• Wide input bandwidth – 900 MHz
• Low input capacitance – 15 pF
• Metastable errors reduced to 1 LSB
• Monolithic for low cost
• Gray code output

APPLICATIONS
• Digital oscilloscopes
• Transient capture
• Radar, EW, ECM
• Direct RF down-conversion




Similar Part No. - SPT7755

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
SPT7755AIK ETC1-SPT7755AIK Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
SPT7755BIK ETC1-SPT7755BIK Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
More results


Similar Description - SPT7755

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
8-bit 125 MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
8-Bit, 125 MSPS Flash A/D Converter
April 1995
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
8-Bit, 20 MSPS Flash A/D Converter
May 1997
logo
List of Unclassifed Man...
SPT7755 ETC1-SPT7755 Datasheet
84Kb / 8P
8-BIT, 750 MSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
CDK1302 CADEKA-CDK1302 Datasheet
1Mb / 9P
8-bit, 750 MSPS, Flash A/D Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com