Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC22071A Datasheet (PDF) - Cadeka Microcircuits LLC.

TMC22071A Datasheet PDF - Cadeka Microcircuits LLC.
Part # TMC22071A
Download  TMC22071A Download
File Size   229.39 Kbytes
Page   24 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Genlocking Video Digitizer

TMC22071A Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC22071A Datasheet PDF - Cadeka Microcircuits LLC.

Part # TMC22071A
Download  TMC22071A Click to download

File Size   229.39 Kbytes
Page   24 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description Genlocking Video Digitizer

TMC22071A Datasheet (HTML) - Cadeka Microcircuits LLC.


TMC22071A Product details

Description
The TMC22071A Genlocking Video Digitizer converts standard baseband composite NTSC or PAL video into 8-bit digital composite video data. It extracts horizontal and vertical sync signals and generates a pixel clock for the on-board 8-bit A/D converter and a 2x clock for the transfer of data to subsequent video processing decoding or encoding with the TMC22x5y Video Decoder or TMC22x9x Digital Video Encoder family. It also measures the color subcarrier phase and frequency and provides this data to the Encoder (for genlocked color NTSC or PAL encoding), or a frame buffer (for frame capture) over the digital composite video port.

Features
• Fully integrated acquisition
• 3-channel video input multiplexer
• Two-stage video clamp
• Automatic gain adjustment
• Sync detection and separation
• Pixel and subpixel adjustment of HSYNC-to-Video timing
• Genlock to NTSC or PAL inputs
• Clock generation
• 8-bit video A/D converter
• Microprocessor interface
• Line-locked pixel rates
    - 12.27 MHz NTSC
    - 13.5 MHz NTSC or PAL
• Direct interface to TMC22x9x encoders
• Built-in circuitry for crystal oscillator
• No tuning or external voltage reference required
• 68 Lead PLCC or 100 Lead MQFP package

Applications
• Frame grabber
• Digital VCR/VTR
• Desktop video




Similar Part No. - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
Genlocking Video Digitizer
TMC22071AKHC1 FAIRCHILD-TMC22071AKHC1 Datasheet
125Kb / 24P
Genlocking Video Digitizer
TMC22071AR1C FAIRCHILD-TMC22071AR1C Datasheet
125Kb / 24P
Genlocking Video Digitizer
More results


Similar Description - TMC22071A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9502 AD-AD9502 Datasheet
2Mb / 8P
Hybrid RS-170 Video Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
Genlocking Video Digitizer
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
Triple Video Digitizer with Digital PLL
August 20, 2007
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Analog Devices
AD9502 AD-AD9502_15 Datasheet
2Mb / 8P
HYBRID PS 179 VIDEO DIGITIZER
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
Triple Video Digitizer with Digital PLL
September 21, 2010
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
Triple Video Digitizer with Digital PLL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com